Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 186 page
background image
142
AT89C5130A/31A-M
4337G–USB–11/06
Reset Value = 00h
Table 98.
UEPSTAX (S:CEh) USB Endpoint X Status Register
76
54
32
10
DIR
RXOUTB1
STALLRQ
TXRDY
STL/CRC
RXSETUP
RXOUTB0
TXCMP
Bit Number
Bit
Mnemonic
Description
7DIR
Control Endpoint Direction
This bit is used only if the endpoint is configured in the control type (seeSection “UEPCONX Register UEPCONX (S:D4h)
USB Endpoint X Control Register”).
This bit determines the Control data and status direction.
The device firmware will set this bit ONLY for the IN data stage, before any other USB operation. Otherwise, the device
firmware will clear this bit.
6
RXOUTB1
Received OUT Data Bank 1 for Endpoints 4, 5 and 6 (Ping-pong mode)
This bit is set by hardware after a new packet has been stored in the endpoint FIFO data bank 1 (only in Ping-pong mode).
Then, the endpoint interrupt is triggered if enabled (see“UEPINT Register UEPINT (S:F8h read-only) USB Endpoint
Interrupt Register” on page 146) and all the following OUT packets to the endpoint bank 1 are rejected (NAK’ed) until this
bit has been cleared, excepted for Isochronous Endpoints.
This bit will be cleared by the device firmware after reading the OUT data from the endpoint FIFO.
5STALLRQ
Stall Handshake Request
Set this bit to request a STALL answer to the host for the next handshake.Clear this bit otherwise.
For CONTROL endpoints: cleared by hardware when a valid SETUP PID is received.
4TXRDY
TX Packet Ready
Set this bit after a packet has been written into the endpoint FIFO for IN data transfers. Data will be written into the
endpoint FIFO only after this bit has been cleared. Set this bit without writing data to the endpoint FIFO to send a Zero
Length Packet.
This bit is cleared by hardware, as soon as the packet has been sent for Isochronous endpoints, or after the host has
acknowledged the packet for Control, Bulk and Interrupt endpoints. When this bit is cleared, the endpoint interrupt is
triggered if enabled (see“UEPINT Register UEPINT (S:F8h read-only) USB Endpoint Interrupt Register” on page 146).
3
STLCRC
Stall Sent/CRC error flag
- For Control, Bulk and Interrupt Endpoints:
This bit is set by hardware after a STALL handshake has been sent as requested by STALLRQ. Then, the endpoint
interrupt is triggered if enabled (see“UEPINT Register UEPINT (S:F8h read-only) USB Endpoint Interrupt Register” on
page 146)
It will be cleared by the device firmware.
- For Isochronous Endpoints (Read-Only):
This bit is set by hardware if the last received data is corrupted (CRC error on data).
This bit is updated by hardware when a new data is received.
2
RXSETUP
Received SETUP
This bit is set by hardware when a valid SETUP packet has been received from the host. Then, all the other bits of the
register are cleared by hardware and the endpoint interrupt is triggered if enabled (see“UEPINT Register UEPINT (S:F8h
read-only) USB Endpoint Interrupt Register” on page 146).
It will be cleared by the device firmware after reading the SETUP data from the endpoint FIFO.
1
RXOUTB0
Received OUT Data Bank 0
(see also RXOUTB1 bit for Ping-pong Endpoints)
This bit is set by hardware after a new packet has been stored in the endpoint FIFO data bank 0. Then, the endpoint
interrupt is triggered if enabled (see“UEPINT Register UEPINT (S:F8h read-only) USB Endpoint Interrupt Register” on
page 146) and all the following OUT packets to the endpoint bank 0 are rejected (NAK’ed) until this bit has been cleared,
excepted for Isochronous Endpoints. However, for control endpoints, an early SETUP transaction may overwrite the
content of the endpoint FIFO, even if its Data packet is received while this bit is set.
This bit will be cleared by the device firmware after reading the OUT data from the endpoint FIFO.
0TXCMPL
Transmitted IN Data Complete
This bit is set by hardware after an IN packet has been transmitted for Isochronous endpoints and after it has been
accepted (ACK’ed) by the host for Control, Bulk and Interrupt endpoints. Then, the endpoint interrupt is triggered if
enabled (see“UEPINT Register UEPINT (S:F8h read-only) USB Endpoint Interrupt Register” on page 146).
This bit will be cleared by the device firmware before setting TXRDY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com