Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 147Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 148Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 149Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 150Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 151Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 186 page
background image
148
AT89C5130A/31A-M
4337G–USB–11/06
Table 105.
UFNUMH Register
UFNUMH (S:BBh, read-only)
USB Frame Number High Register
Reset Value = 00h
Table 106.
UFNUML Register
UFNUML (S:BAh, read-only)
USB Frame Number Low Register
Reset Value = 00h
765
43210
-
-
CRCOK
CRCERR
-
FNUM10
FNUM9
FNUM8
Bit
Number
Bit
Mnemonic
Description
5
CRCOK
Frame Number CRC OK
This bit is set by hardware when a new Frame Number in Start of Frame Packet
is received without CRC error.
This bit is updated after every Start of Frame packet receipt.
Important note: the Start of Frame interrupt is generated just after the PID receipt.
4
CRCERR
Frame Number CRC Error
This bit is set by hardware when a corrupted Frame Number in Start of Frame
packet is received.
This bit is updated after every Start of Frame packet receipt.
Important note: the Start of Frame interrupt is generated just after the PID receipt.
3-
Reserved
The value read from this bit is always 0. Do not set this bit.
2-0
FNUM[10:8]
Frame Number
FNUM[10:8] are the upper 3 bits of the 11-bit Frame Number (see the “UFNUML
Register UFNUML (S:BAh, read-only) USB Frame Number Low Register” on
page 148). It is provided in the last received SOF packet (see SOFINT in the
“USBIEN Register USBIEN (S:BEh) USB Global Interrupt Enable Register” on
page 139). FNUM is updated if a corrupted SOF is received.
765
43210
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
Bit Number
Bit
Mnemonic Description
7 - 0
FNUM[7:0]
Frame Number
FNUM[7:0] are the lower 8 bits of the 11-bit Frame Number (See “UFNUMH
Register UFNUMH (S:BBh, read-only) USB Frame Number High Register” on
page 148.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com