Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 174 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 170Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 171Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 172Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 173Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 174Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 175Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 176Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 177Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 186 page
background image
174
AT89C5130A/31A-M
4337G–USB–11/06
Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 127.
SPI Interface Master AC Timing
V
DD = 2.7 to 5.5 V, TA = -40 to +85°C
Note:
TPER is XTAL period when SPI interface operates in X2 mode or twice XTAL period when SPI inter-
face operates in X1 mode.
Symbol
Parameter
Min
Max
Unit
Slave Mode
TCHCH
Clock Period
2
TPER
TCHCX
Clock High Time
0.8
TPER
TCLCX
Clock Low Time
0.8
TPER
TSLCH, TSLCL
SS Low to Clock edge
100
ns
TIVCL, TIVCH
Input Data Valid to Clock Edge
50
ns
TCLIX, TCHIX
Input Data Hold after Clock Edge
50
ns
TCLOV, TCHOV
Output Data Valid after Clock Edge
50
ns
TCLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
TCLSH, TCHSH
SS High after Clock Edge
0
ns
TSLOV
SS Low to Output Data Valid
4TPER+20
ns
TSHOX
Output Data Hold after SS High
2TPER+100
ns
TSHSL
SS High to SS Low
2TPER+120
TILIH
Input Rise Time
2
μs
TIHIL
Input Fall Time
2
μs
TOLOH
Output Rise time
100
ns
TOHOL
Output Fall Time
100
ns
Master Mode
TCHCH
Clock Period
4
TPER
TCHCX
Clock High Time
2TPER-20
ns
TCLCX
Clock Low Time
2TPER-20
ns
TIVCL, TIVCH
Input Data Valid to Clock Edge
50
ns
TCLIX, TCHIX
Input Data Hold after Clock Edge
50
ns
TCLOV, TCHOV
Output Data Valid after Clock Edge
20
ns
TCLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com