Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 22Page - Texas Instruments AMC131M01DFMR Datasheet HTML 23Page - Texas Instruments AMC131M01DFMR Datasheet HTML 24Page - Texas Instruments AMC131M01DFMR Datasheet HTML 25Page - Texas Instruments AMC131M01DFMR Datasheet HTML 26Page - Texas Instruments AMC131M01DFMR Datasheet HTML 27Page - Texas Instruments AMC131M01DFMR Datasheet HTML 28Page - Texas Instruments AMC131M01DFMR Datasheet HTML 29Page - Texas Instruments AMC131M01DFMR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
Equation 7 calculates the transfer function of a sinc3 filter in terms of the continuous-time frequency parameter f.
½H(f) =
½
3
sin
N f
p
f
MOD
N
sin
´
pf
f
MOD
(7)
where:
• N is the OSR
Figure 8-7 and Figure 8-8 show the digital filter response of the fast-settling filter and the sinc3 filter for OSRs of
1024 and lower. Figure 8-9 and Figure 8-10 show the digital filter response of the sinc3 + sinc1 filter for an OSR
of 4096.
Frequency (fIN/fDATA)
0
1
2
3
4
5
-140
-120
-100
-80
-60
-40
-20
0
Fast-settling filter
Sinc3 filter
Figure 8-7. Fast-Settling and Sinc3 Digital Filter
Response
Frequency (fIN/fDATA)
0
0.1
0.2
0.3
0.4
0.5
-12
-10.5
-9
-7.5
-6
-4.5
-3
-1.5
0
Fast-settling filter
Sinc3 filter
Figure 8-8. Fast-Settling and Sinc3 Digital Filter
Response, Pass-Band Detail
Frequency (fIN/fDATA)
0
1
2
3
4
5
6
7
8
9
10
11
12
-140
-120
-100
-80
-60
-40
-20
0
Sinc3 filter (1024)
Sinc3 + Sinc1 filter
Figure 8-9. Digital Filter Response for OSR = 4096
as a Combination of Sinc3 + Sinc1
Frequency (fIN/fDATA)
0
0.1
0.2
0.3
0.4
0.5
-12
-10
-8
-6
-4
-2
0
Sinc3 filter (1024)
Sinc3 + Sinc1 filter
Figure 8-10. Sinc3 + Sinc1 Digital Filter Response
at OSR = 4096, Pass-Band Detail
8.3.12 Calibration Registers
The calibration registers allow for automatic computation of calibrated ADC conversion results from
preprogrammed values. The host can rely on the device to automatically correct for system gain and offset after
the error correction terms are programmed into the corresponding device registers. The measured calibration
coefficients must be stored in external nonvolatile memory and programmed into the registers each time the
AMC131M01 powers up because the AMC131M01 registers are volatile.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com