Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 12Page - Texas Instruments AMC131M01DFMR Datasheet HTML 13Page - Texas Instruments AMC131M01DFMR Datasheet HTML 14Page - Texas Instruments AMC131M01DFMR Datasheet HTML 15Page - Texas Instruments AMC131M01DFMR Datasheet HTML 16Page - Texas Instruments AMC131M01DFMR Datasheet HTML 17Page - Texas Instruments AMC131M01DFMR Datasheet HTML 18Page - Texas Instruments AMC131M01DFMR Datasheet HTML 19Page - Texas Instruments AMC131M01DFMR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Table 7-3. Effective Resolution (Bits) at TA = 25°C
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
19.2
19.1
18.4
18.2
17.4
17.3
16.0
15.2
8192
0.5
19.0
18.5
17.7
17.0
16.5
15.6
15.1
14.3
4096
1
18.5
18.2
17.5
16.9
16.4
15.5
14.6
13.5
2048
2
18.3
17.9
17.2
16.6
15.9
15.4
14.6
13.3
1024
4
18.1
17.6
16.9
16.2
15.4
15.4
14.2
12.7
512
8
17.6
17.0
16.3
15.5
14.8
14.1
13.0
12.1
256
16
17.1
16.6
15.8
15.1
14.4
13.5
12.7
11.9
128
32
16.5
16.1
15.3
14.8
14.2
13.2
12.1
11.2
64
64
14.9
14.8
14.4
14.1
13.7
12.9
12.0
11.0
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com