Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 4 Page - Texas Instruments

  AMC131M01DFMR Datasheet HTML 1Page - Texas Instruments AMC131M01DFMR Datasheet HTML 2Page - Texas Instruments AMC131M01DFMR Datasheet HTML 3Page - Texas Instruments AMC131M01DFMR Datasheet HTML 4Page - Texas Instruments AMC131M01DFMR Datasheet HTML 5Page - Texas Instruments AMC131M01DFMR Datasheet HTML 6Page - Texas Instruments AMC131M01DFMR Datasheet HTML 7Page - Texas Instruments AMC131M01DFMR Datasheet HTML 8Page - Texas Instruments AMC131M01DFMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Power-supply voltage
DVDD to DGND
–0.3
6.5
V
DCDC_CAP to DGND
–0.3
3.5
Analog input voltage
AINxP, AINxN
HGND – 1.6
HGND + 2.7
V
Digital input voltage
CS, CLKIN, DIN, SCLK, SYNC/RESET
DGND – 0.3
DVDD + 0.3
V
Input current
Continuous, all pins except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–60
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDVDD
Low-side power supply
DVDD to GND
3
3.3
5.5
V
ANALOG INPUTS
VAINxP,
VAINxN
Absolute input voltage (1)
Gain = 1, 2, or 4
HGND – 1.3
HGND + 2.7
V
Gain = 8, 16, 32, 64, or 128
HGND – 1.3
HGND + 0.9
VIN
Differential input voltage
VIN = VAINxP – VAINxN
–VREF / Gain
VREF / Gain
V
EXTERNAL CLOCK SOURCE
NDIV
Clock divider ratio
Signal at CLKIN is divided by NDIV to generate
modulator clock
2
12
fCLKIN
External clock frequency at
CLKIN pin
High-resolution mode
1.4 ∙ NDIV 4.096 ∙ NDIV
4.1 ∙ NDIV
MHz
Low-power mode
1.4 ∙ NDIV 2.048 ∙ NDIV
2.05 ∙ NDIV
Duty cycle
40%
50%
60%
DIGITAL INPUTS
Input voltage
DGND
DVDD
V
TEMPERATURE RANGE
TA
Operating ambient
temperature
–40
125
°C
(1)
The subscript "x" signifies the channel. For example, the positive analog input to channel 0 is named AIN0P. See the Pin Configuration
and Functions section for the pin names.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com