Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 29Page - Texas Instruments AMC131M01DFMR Datasheet HTML 30Page - Texas Instruments AMC131M01DFMR Datasheet HTML 31Page - Texas Instruments AMC131M01DFMR Datasheet HTML 32Page - Texas Instruments AMC131M01DFMR Datasheet HTML 33Page - Texas Instruments AMC131M01DFMR Datasheet HTML 34Page - Texas Instruments AMC131M01DFMR Datasheet HTML 35Page - Texas Instruments AMC131M01DFMR Datasheet HTML 36Page - Texas Instruments AMC131M01DFMR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
8.4.3 Start-Up Behavior After a Pin Reset or RESET Command
Sending a RESET command or executing a pin reset using the SYNC/RESET pin disables the DC/DC converter
by resetting the DCDC_EN bit to 0b. Therefore, the start-up process following a RESET command or a pin reset
using the SYNC/RESET pin is similar to what occurs after power up. However, there is no tPOR_DVDD in the case
of a command or pin reset because the DVDD supply is already ramped.
Figure 8-15 shows the behavior after a pin reset using the SYNC/RESET pin. A reset is only generated if the
SYNC/RESET pin is held low longer than tw(RSL). If the pin is held low for a duration less then tw(RSL) but greater
than a CLKIN period, a synchronization occurs instead of a reset.
SYNC/RESET
Invalid data
Unsettled
filter data
Unsettled
filter data
Valid Sinc
3
filter data
tDATA
tDATA
...
...
...
...
DRDY
CLKIN
SEC_FAIL
HLDO_OUT
90%
tPOR_SEC
...
SPI write to
configure
registers
Invalid data
tDATA
tDATA
Figure 8-15. Start-Up Behavior After a Pin Reset and Settling Times
As shown in Figure 8-15, follow the same sequence for configuring the device and reading the SEC_FAIL bit in
the STATUS register as described in the Start-Up Behavior After Power-Up section to receive valid conversion
data after a RESET command or a pin reset using the SYNC/RESET pin.
8.4.4 Start-Up Behavior After a Pause in CLKIN
A pause in the clock signal provided at the CLKIN pin causes the power supply generated by the DC/DC
converter on the secondary (high) side to drop and can prevent the ADC circuit on the secondary side from
operating. The DC/DC converter is automatically re-enabled when the clock at the CLKIN pin resumes, and the
AMC131M01 registers do not need to be reconfigured. However, the supply voltage on the secondary (high) side
is not stable until the SEC_FAIL bit in the STATUS register is set to 0b.
Follow the same sequence for reading the SEC_FAIL bit in the STATUS register as described in the Start-Up
Behavior After Power-Up section to receive valid conversion data after the clock has been paused and re-started
at the CLKIN pin.
8.4.5 Synchronization
Synchronization can be performed by the host to make sure the ADC conversions are synchronized to an
external event. For example, synchronization can realign the data capture to the expected timing of the host if a
glitch on the clock causes the host and device to become out of synchronization.
The SYNC/RESET pin is a multifunction digital input pin that allows the host to synchronize conversions to an
external event or to reset the device. See the SYNC/RESET Pin section for more details regarding how the
device is reset.
Provide a negative pulse on the SYNC/RESET pin with a duration less than tw(RSL) but greater than a CLKIN
period to trigger synchronization. The device internally compares the leading negative edge of the SYNC/RESET
pulse to the internal clock that tracks the data rate. The internal data rate clock has timing equivalent to
the DRDY pin. If the negative edge on SYNC/RESET aligns with the internal data rate clock, the device is
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com