Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 64 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 64 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 60Page - Texas Instruments AMC131M01DFMR Datasheet HTML 61Page - Texas Instruments AMC131M01DFMR Datasheet HTML 62Page - Texas Instruments AMC131M01DFMR Datasheet HTML 63Page - Texas Instruments AMC131M01DFMR Datasheet HTML 64Page - Texas Instruments AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments AMC131M01DFMR Datasheet HTML 67Page - Texas Instruments AMC131M01DFMR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
CLKOUT
IRQ
SCLK
PICO
CS1
MCU
GPIO
CS2
POCI
CSn
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device 1
CS
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device 2
CS
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device n
CS
Figure 9-3. Multiple Device Configuration
9.1.5 Calibration
Certain signal chain errors can be corrected through a single room-temperature calibration. The AMC131M01
can store calibration values and uses the values to correct the results in real time. Among the errors that can be
corrected in real time with the AMC131M01 are offset error and gain error.
Offset calibration is performed by determining the measured output of the signal chain when the input is zero
voltage for a voltage measurement or zero current for a current measurement. The ADC conversion result
for zero input can be measured and recorded in external nonvolatile memory. When the system is deployed,
these values can be provided to the CH0_OCAL_MSB and CH0_OCAL_LSB registers. The AMC131M01 then
subtracts these values from the conversion results prior to providing them to the host.
Similar to offset error correction, system gain error can be determined prior to deployment and can be used to
correct the gain error in real time. Gain error is defined as the percentage difference in the ADC transfer function
from the PGA gain corrected ideal value of 1. This error can be determined by measuring the results from both a
maximum and minimum input signal, finding the difference between these results, and dividing by the difference
between the ideal difference. Equation 11 describes how to calculate gain error.
Max,Measured
Min,Measured
Max
Min
V,I
V,I
Gain Error
1
V,I
V,I
(11)
To correct for gain error, divide each offset-corrected conversion result by the measured gain. The
AMC131M01 multiplies each conversion result by the gain calibration factor stored in the CHn_GCAL_MSB
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com