Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 34 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 34 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 30Page - Texas Instruments AMC131M01DFMR Datasheet HTML 31Page - Texas Instruments AMC131M01DFMR Datasheet HTML 32Page - Texas Instruments AMC131M01DFMR Datasheet HTML 33Page - Texas Instruments AMC131M01DFMR Datasheet HTML 34Page - Texas Instruments AMC131M01DFMR Datasheet HTML 35Page - Texas Instruments AMC131M01DFMR Datasheet HTML 36Page - Texas Instruments AMC131M01DFMR Datasheet HTML 37Page - Texas Instruments AMC131M01DFMR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
determined to be synchronized and therefore no action is taken. If there is misalignment, the digital filters on the
device are reset to be synchronized with the SYNC/RESET pulse.
Figure 8-16 shows the behavior after a synchronization pulse on the SYNC/RESET pin for OSR = 1024. As
explained in the SINC3 and SINC3 + SINC1 Filter section, because of the settling of the digital filter, the first two
conversion results are unsettled data and must be ignored.
SYNC/RESET
DRDY
Unsettled
filter data
Unsettled
filter data
Valid Sinc
3
filter data
Valid Sinc
3
filter data
t
DATA
CLKIN
t
DATA
...
...
...
...
...
t
DATA
Figure 8-16. Synchronization Timing for OSR = 1024
In global-chop mode, conversions are always immediately restarted at the falling edge of the SYNC/RESET pin.
8.4.6 Conversion Modes
There are two ADC conversion modes on the AMC131M01: continuous-conversion and global-chop mode.
Continuous-conversion mode is a mode where ADC conversions are generated constantly by the ADC at a
rate defined by fMOD / OSR. Global-chop mode differs from continuous-conversion mode because global-chop
periodically chops (or swaps) the inputs, which reduces system offset errors at the cost of settling time between
the points when the inputs are swapped. In either continuous-conversion or global-chop mode, there are two
power modes that provide flexible options to scale power consumption with bandwidth and dynamic range. The
Power Modes section discusses these power modes in further detail.
8.4.6.1 Continuous-Conversion Mode
Continuous-conversion mode is the mode in which ADC data are generated constantly at the rate of fMOD /
OSR. New data are indicated by a DRDY falling edge at this rate. Continuous-conversion mode is intended for
measuring AC signals because this mode allows for higher output data rates than global-chop mode.
8.4.6.2 Global-Chop Mode
The AMC131M01 incorporates a global-chop mode option to reduce offset error and offset drift inherent to the
device resulting from mismatch in the internal circuitry to very low levels. When global-chop mode is enabled
by setting the GC_EN bit in the GLOBAL_CHOP_CFG register, the device uses the conversion results from
two consecutive internal conversions taken with opposite input polarity to cancel the device offset voltage.
Conversion n is taken with normal input polarity. The device then reverses the internal input polarity for
conversion n + 1. The average of two consecutive conversions (n and n + 1, n + 1 and n + 2, and so on)
yields the final offset compensated result.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com