Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 66 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 66 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 62Page - Texas Instruments AMC131M01DFMR Datasheet HTML 63Page - Texas Instruments AMC131M01DFMR Datasheet HTML 64Page - Texas Instruments AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments AMC131M01DFMR Datasheet HTML 67Page - Texas Instruments AMC131M01DFMR Datasheet HTML 68Page - Texas Instruments AMC131M01DFMR Datasheet HTML 69Page - Texas Instruments AMC131M01DFMR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
9.2 Typical Application
This section describes a typical three-phase energy measurement front-end using the AMC131M01. The ADC
samples the outputs of resistive current sensors (shunts) to measure the current of each leg of the AC mains.
The design can achieve high accuracy across a wide input current range (0.05 A–100 A) and supports high
sampling frequencies necessary for advanced power-quality features, such as individual harmonic analysis.
Using the AMC131M01 to sample the currents per phase provides designers greater flexibility in the choice
of metrology microcontrollers (MCU) when compared to an integrated system-on-a-chip (SoC) and dedicated
application-specific products.
Figure 9-4 illustrates the front-end for a three-phase energy measurement design. In this design, one
AMC131M01 per phase measures the current for this respective phase, providing galvanic isolation from phase
to phase. This isolation is critical because the voltage level in a typical case can be in the order of 220 V on one
phase and –220 V at another phase. If only one ADC for multiple phases is used, a voltage difference in the
order of 440 V between two adjacent ADC inputs can appear, potentially destroying the device.
The measurement of each phase voltage is implemented either using the on-board ADCs of the MCU as shown
in Figure 9-4, or a discrete, multichannel, non-isolated ADC. The high voltage from the individual phase is scaled
down using a resistive divider for each voltage measurement.
RC antialiasing filters are not given in Figure 9-4 for simplicity, but are recommended for all channels.
The microcontroller uses the SPI port to communicate with the three ADC devices, and provides a clock to all
ADC devices at the respective CLKIN pins. Three of the microcontroller I/O pins (CS_A, CS_B, and CS_C)
generate the SPI CS signals. The SCLK, DIN, and DOUT connections are shared between all ADC devices. To
simplify the figure, these connections are not shown in detail.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com