Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 41 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 41 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 37Page - Texas Instruments AMC131M01DFMR Datasheet HTML 38Page - Texas Instruments AMC131M01DFMR Datasheet HTML 39Page - Texas Instruments AMC131M01DFMR Datasheet HTML 40Page - Texas Instruments AMC131M01DFMR Datasheet HTML 41Page - Texas Instruments AMC131M01DFMR Datasheet HTML 42Page - Texas Instruments AMC131M01DFMR Datasheet HTML 43Page - Texas Instruments AMC131M01DFMR Datasheet HTML 44Page - Texas Instruments AMC131M01DFMR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
8.5.3 Commands
Table 8-9 contains a list of all valid commands, a short description of the functionality, the binary command word,
and the expected response that appears in the following frame.
Table 8-9. Command Definitions
COMMAND
DESCRIPTION
COMMAND WORD
RESPONSE
NULL
No operation
0000 0000 0000 0000
STATUS register
RESET
Reset the device
0000 0000 0001 0001
1111 1111 0010 0011
STANDBY
Place the device into standby mode
0000 0000 0010 0010
0000 0000 0010 0010
WAKEUP
Wake the device from standby mode to conversion mode
0000 0000 0011 0011
0000 0000 0011 0011
LOCK
Lock the interface such that only the NULL, UNLOCK, and
RREG commands are valid
0000 0101 0101 0101
0000 0101 0101 0101
UNLOCK
Unlock the interface after the interface is locked
0000 0110 0101 0101
0000 0110 0101 0101
RREG
Read nnn nnnn plus 1 registers beginning at address a aaaa a
101a aaaa annn nnnn
dddd dddd dddd dddd
or
111a aaa annn nnnn (1)
WREG
Write nnn nnnn plus 1 registers beginning at address a aaaa a
011a aaaa annn nnnn
010a aaaa ammm mmmm (2)
(1)
When nnn nnnn is 0, the response is the requested register data dddd dddd dddd dddd. When nnn nnnn is greater than 0, the
response begins with 111a aaaa annn nnnn, followed by the register data.
(2)
In this case, mmm mmmm represents the number of registers that are actually written minus one. This value can be less than nnn
nnnn in some cases.
8.5.3.1 NULL (0000 0000 0000 0000)
The NULL command is the no-operation command that results in no registers read or written, and the state of
the device remains unchanged. The intended use case for the NULL command is to read conversion data from
the ADC. The command response for the NULL command is the contents of the STATUS register. Any invalid
command also gives the NULL response.
8.5.3.2 RESET (0000 0000 0001 0001)
The RESET command resets the ADC to the register defaults. The command is latched by the device at the
end of the frame. A reset occurs immediately after the command is latched. The host must wait for tREGACQ after
reset before communicating with the device to make sure the registers have assumed the default settings. The
device sends an acknowledgment of FF23h when the ADC is properly reset. The device responds with 0011h if
the command word is sent but the frame is not completed, and therefore, the device is not reset. See the RESET
Command section for more information regarding the operation of the reset command. Figure 8-21 illustrates a
properly sent RESET command frame.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com