Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 69 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 69 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments AMC131M01DFMR Datasheet HTML 67Page - Texas Instruments AMC131M01DFMR Datasheet HTML 68Page - Texas Instruments AMC131M01DFMR Datasheet HTML 69Page - Texas Instruments AMC131M01DFMR Datasheet HTML 70Page - Texas Instruments AMC131M01DFMR Datasheet HTML 71Page - Texas Instruments AMC131M01DFMR Datasheet HTML 72Page - Texas Instruments AMC131M01DFMR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
DVDD
Resonator and
Driver
LDO
LDO
DCDC_CAP
Rectifier
DGND
Control &
Serial
Interface
1.2-V
Reference
ADC
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
Clock
Generation
HLDO_OUT
GND
SCLK
DOUT
DIN
CS
DRDY
SYNC/RESET
CLKIN
Low side supply
(3.0 V to 5.5 V)
MCU
DCDC_OUT
DCDC_HGND
HGND
NC
AIN0N
NC
AIN0P
ISO GND
HLDO_IN
Ferrite
GPO
+
–
Figure 9-5. Current Sensing With the AMC131M01
9.2.2.1 Current Shunt Measurement
Figure 9-5 shows the analog front-end used for current measurement at the ADC channel 0, which consists of
the shunt resistor RSHUNT and an RC low-pass antialiasing filter (RFILT and CFILT).
For a shunt value of 200 μΩ and a maximum current of IMAX = 100 A, the maximum voltage drop across the
shunt is VSHUNT = RSHUNT × IMAX = 200 μΩ × ±100 A = ±20 mV.
To measure this shunt voltage, configure channel 0 of the AMC131M01 for gain = 32, which allows differential
voltage measurements of VIN1 = VAIN1P – VAIN1N = ±VREF / 8 = ±1.2 V / 32 = ±37.5 mV. The integrated charge
pump in the device allows voltage measurements 1.3 V below HGND while using a unipolar analog power
supply. This bipolar voltage measurement capability is important because one side of the shunt is connected to
the same ISO_GND potential as the HGND pin of the AMC131M01, which means that the absolute voltage that
the device must measure during the current measurement is up to 37.5 mV below HGND.
9.2.3 Application Curves
Electromagnetic interference (EMI) testing is common in many applications using the AMC131M01 to verify the
system does not produce radiated emissions that exceed the defined levels that can possibly negatively impact
other components or circuits in the system. See the Understanding electromagnetic compliance tests in digital
isolators white paper for a more in-depth description of EMI. The magnitude of acceptable radiation and testing
procedure for radiated emissions is put in place by the Comité International Spécial des Perturbations Radio,
also known as CISPR. Industrial applications measure according to the CISPR 11 standard, and automotive
applications measure to the CISPR 25 standard. For more information on the CISPR standards and the
respective magnitudes over frequency, see the An overview of radiated EMI specifications for power supplies
white paper.
Figure 9-6 and Figure 9-7 show the radiated emissions measurement for the AMC131M01 using the evaluation
module available at AMC131M03EVM.
The measurements were done following CISPR 11 requirements, that is in a in a semi-anechoic chamber using
a broadband antenna configured for horizontal and vertical polarizations with a 3-meter distance. The ADC is
receiving a continuous clock at the CLKIN pin, and is generating conversion results, however there is no SPI
communication while the emission profile is characterized.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com