Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 52 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 52 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 48Page - Texas Instruments AMC131M01DFMR Datasheet HTML 49Page - Texas Instruments AMC131M01DFMR Datasheet HTML 50Page - Texas Instruments AMC131M01DFMR Datasheet HTML 51Page - Texas Instruments AMC131M01DFMR Datasheet HTML 52Page - Texas Instruments AMC131M01DFMR Datasheet HTML 53Page - Texas Instruments AMC131M01DFMR Datasheet HTML 54Page - Texas Instruments AMC131M01DFMR Datasheet HTML 55Page - Texas Instruments AMC131M01DFMR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
8.6.4 CLOCK Register (Address = 03h) [Reset = 010Eh]
Return to the Summary Table.
Figure 8-31. CLOCK Register
15
14
13
12
11
10
9
8
RESERVED
CH0_EN
R/W-0000000b
R/W-1b
7
6
5
4
3
2
1
0
CLK_DIV[1:0]
TURBO
OSR[2:0]
PWR[1:0]
R/W-00b
R/W-0b
R/W-011b
R/W-10b
Table 8-16. CLOCK Register Field Descriptions
Bit
Field
Type
Reset
Description
15:9
RESERVED
R/W
0000000b
Reserved
Always write 000000b
8
CH0_EN
R/W
1b
Channel 0 ADC enable
0b = Disabled
1b = Enabled
7:6
CLK_DIV[1:0]
R/W
00b
Clock divider ratio selection
00b = Divide by 2
01b = Divide by 4
10b = Divide by 8
11b = Divide by 12
5
TURBO
R/W
0b
Turbo mode (OSR = 64)
Selects oversampling ratio 64 by setting this bit to 1b. The OSR[2:0] bits are ignored if this
bit is set to 1b.
0b = Disabled
1b = Enabled
4:2
OSR[2:0]
R/W
011b
Modulator oversampling ratio selection
000b = 128
001b = 256
010b = 512
011b = 1024
100b = 2048
101b = 4096
110b = 8192
111b = 16384
1:0
PWR[1:0]
R/W
10b
Power mode selection
00b = Reserved. Do not use.
01b = Low power
10b = High resolution
11b = Reserved. Do not use.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com