Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 73 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 73 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 69Page - Texas Instruments AMC131M01DFMR Datasheet HTML 70Page - Texas Instruments AMC131M01DFMR Datasheet HTML 71Page - Texas Instruments AMC131M01DFMR Datasheet HTML 72Page - Texas Instruments AMC131M01DFMR Datasheet HTML 73Page - Texas Instruments AMC131M01DFMR Datasheet HTML 74Page - Texas Instruments AMC131M01DFMR Datasheet HTML 75Page - Texas Instruments AMC131M01DFMR Datasheet HTML 76Page - Texas Instruments AMC131M01DFMR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
9.4.2 Layout Example
Figure 9-9 shows an example layout of the AMC131M01 requiring a minimum of two PCB layers. In general,
analog and digital signals for the primary (low) side are partitioned to the right and analog and digital signals for
the secondary (high) side are on the left.
3: HLDO_IN
5: HGND
7: NC
8: NC
9: AIN0P
+3.3 V
TI Device
+3.3 V
Via to corresponding
voltage plane or pour
Via
Differential RC-filter
for input channel.
Terminate long digital
input lines with resistors to
prevent reflection.
Channel 0
20: DIN
19: CS
18: SCLK
17: CLKIN
16: DRDY
14: DCDC_CAP
Clearance area, to be
kept free of any conductive
material.
4: HLDO_OUT
2: DCDC_HGND
1: DCDC_OUT
10: AIN0N
Place bypass
capacitor directly
across ADC inputs.
GPO
6: GPO
15: DGND
Place DCDC_CAP and power
supply decoupling capacitors close
to pins.
Place smaller decoupling
caps closest to the
device.
Place smaller decoupling
caps closest to the
device.
13: DVDD
12: DOUT
11: SYNC/RST
Top Metal
Inner or Bottom
Layer Metal
C1
Keep layout of
shunt connections
symmetrical.
Use separate trace for HGND
connection to shunt terminal.
C6
C11
C13
C10
C24
F2
F1
R8
R9
C9
C17
C15
C16
GND
GND
ISO_GND
ISO_GND
Place ferrites
Close to the device
to improve EMI
performance.
Figure 9-9. Layout Example
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com