Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 36 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 36 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 32Page - Texas Instruments AMC131M01DFMR Datasheet HTML 33Page - Texas Instruments AMC131M01DFMR Datasheet HTML 34Page - Texas Instruments AMC131M01DFMR Datasheet HTML 35Page - Texas Instruments AMC131M01DFMR Datasheet HTML 36Page - Texas Instruments AMC131M01DFMR Datasheet HTML 37Page - Texas Instruments AMC131M01DFMR Datasheet HTML 38Page - Texas Instruments AMC131M01DFMR Datasheet HTML 39Page - Texas Instruments AMC131M01DFMR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
bias currents to achieve the expected power levels. See the Recommended Operating Conditions table for
restrictions on the CLKIN frequency for each power mode.
8.4.8 Standby Mode
Standby mode is a low-power state in which the ADC is disabled, and the reference and other non-essential
circuitry are powered down. This mode differs from completely powering down the device because the device
retains the register settings. Set the DCDC_EN bit in the DCDC_CTRL register to 0b to disable the DC/DC
converter before entering standby mode. Enter standby mode by sending the STANDBY command (0022h).
Stop toggling CLKIN when the device is in standby mode to minimize device power consumption. Exit standby
mode by sending the WAKEUP command (0033h).
8.5 Programming
8.5.1 Serial Interface
The AMC131M01 uses an SPI-compatible interface to configure the device and retrieve conversion data. The
device always acts as an SPI peripheral; SCLK and CS are inputs to the interface. The interface operates in SPI
mode 1, where CPOL = 0 and CPHA = 1. In SPI mode 1, SCLK idles low and data are launched or changed
only on SCLK rising edges; data are latched or read by the controller and peripheral on SCLK falling edges.
The interface is full-duplex, meaning data can be sent and received simultaneously by the interface. The device
includes the typical SPI signals: SCLK, CS, DIN, and DOUT. In addition, there are two other digital pins that
provide functionality. The DRDY pin serves as a flag to the host to indicate new conversion data are available.
The SYNC/RESET pin is a dual-function pin that allows synchronization of conversions to an external event and
allows for a hardware device reset.
8.5.1.1 Chip Select (CS)
The CS pin is an active low input signal that selects the device for communication. The device ignores any
communication and DOUT is high impedance when CS is held high. Hold CS low for the duration of a
communication frame to ensure proper communication. The interface is reset each time CS is taken high.
8.5.1.2 Serial Data Clock (SCLK)
The SCLK pin is an input that serves as the serial clock for the interface. Output data on the DOUT pin
transitions on the rising edge of SCLK and input data on DIN are latched on the falling edge of SCLK.
8.5.1.3 Serial Data Input (DIN)
The DIN pin is the peripheral in, controller out (PICO) pin for the device. Serial commands are shifted in through
the DIN pin by the device with each SCLK falling edge when the CS pin is low.
8.5.1.4 Serial Data Output (DOUT)
The DOUT pin is the peripheral out, controller in (POCI) pin for the device. The device shifts out command
responses and ADC conversion data serially with each rising SCLK edge when the CS pin is low. This pin
assumes a high-impedance state when CS is high.
8.5.1.5 Data Ready (DRDY)
The DRDY pin is an active-low output that indicates when new conversion data are ready in conversion mode.
Connect the DRDY pin to an input on the host to trigger periodic data retrieval in conversion mode. The period
between each DRDY falling edge is the data rate period.
The DRDY_HIZ bit in the MODE register configures the state of the DRDY pin when deasserted. By default
the bit is 0b, meaning the pin is actively driven high using a push-pull output stage. When the bit is 1b, DRDY
behaves like an open-drain digital output. Use a 10-kΩ pullup resistor to pull the pin high when DRDY is not
asserted.
The DRDY_FMT bit in the MODE register determines the format of the DRDY signal. When the bit is 0b, new
data are indicated by DRDY changing from high to low and remaining low until either all conversion data are
shifted out of the device, or remaining low and going high briefly before the next time DRDY transitions low.
When the DRDY_FMT bit is 1b, new data are indicated by a short negative pulse on the DRDY pin. If the host
does not read conversion data after the DRDY pulse when DRDY_FMT is 1b, the device skips a conversion
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com