Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 17 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 13Page - Texas Instruments AMC131M01DFMR Datasheet HTML 14Page - Texas Instruments AMC131M01DFMR Datasheet HTML 15Page - Texas Instruments AMC131M01DFMR Datasheet HTML 16Page - Texas Instruments AMC131M01DFMR Datasheet HTML 17Page - Texas Instruments AMC131M01DFMR Datasheet HTML 18Page - Texas Instruments AMC131M01DFMR Datasheet HTML 19Page - Texas Instruments AMC131M01DFMR Datasheet HTML 20Page - Texas Instruments AMC131M01DFMR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
8 Detailed Description
8.1 Overview
The AMC131M01 is an isolated, low-power, single-channel, 24-bit, delta-sigma (ΔΣ) analog-to-digital converter
(ADC) with a low-drift internal voltage reference and an integrated DC/DC converter that allows the device to
be supplied from a single 3.3-V or 5-V voltage supply source on the primary (low) side. The dynamic range,
size, feature set, and power consumption are optimized for cost-sensitive applications requiring simultaneous
sampling.
The silicon-dioxide (SiO2)-based capacitive isolation barrier supports a high level of magnetic field immunity, as
described in the ISO72x Digital Isolator Magnetic-Field Immunity application note.
An integrated negative charge pump allows absolute input voltages as low as 1.3 V below HGND, which
enables measurements of input signals varying around ground with a single-ended power supply. The device
features a programmable gain amplifier (PGA) with gains up to 128. An integrated input precharge buffer
enabled at gains greater than 4 provides high input impedance at high PGA gain settings. The ADC receives the
reference voltage from an integrated 1.2-V reference. The device allows differential input voltages as large as
the reference. Two power-scaling modes allow designers to trade power consumption for ADC dynamic range.
The AMC131M01 contains a digital decimation filter that demodulates the output of the ΔΣ modulator. The filter
enables data rates as high as 64 kSPS in high-resolution mode. Offset and gain calibration registers can be
programmed to automatically adjust output samples for measured offset and gain errors. The Functional Block
Diagram provides a detailed diagram of the AMC131M01.
The device communicates via a serial programming interface (SPI)-compatible interface. Several SPI commands
and internal registers control the operation of the AMC131M01. Other devices can be added to the same SPI
bus by adding discrete CS control lines. The SYNC/RESET pin can synchronize conversions between multiple
AMC131M01 devices and maintains synchronization with external events.
8.2 Functional Block Diagram
Low side supply
(3.0 V to 5.5 V)
DVDD
DCDC_CAP
DGND
SCLK
DOUT
DIN
CS
DRDY
SYNC/RESET
CLKIN
GND
Resonator and
Driver
LDO
LDO
Rectifier
Control &
Serial
Interface
1.2-V
Reference
ADC
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
Clock
Generation
HLDO_OUT
DCDC_OUT
DCDC_HGND
HGND
NC
AIN0N
NC
AIN0P
ISO GND
HLDO_IN
Ferrite
GPO
+
–
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com