Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 17Page - Texas Instruments AMC131M01DFMR Datasheet HTML 18Page - Texas Instruments AMC131M01DFMR Datasheet HTML 19Page - Texas Instruments AMC131M01DFMR Datasheet HTML 20Page - Texas Instruments AMC131M01DFMR Datasheet HTML 21Page - Texas Instruments AMC131M01DFMR Datasheet HTML 22Page - Texas Instruments AMC131M01DFMR Datasheet HTML 23Page - Texas Instruments AMC131M01DFMR Datasheet HTML 24Page - Texas Instruments AMC131M01DFMR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
device tolerance and change over temperature. Minimize the output impedance of the circuit that drives the
AMC131M01 inputs to obtain the best possible gain error, INL, and distortion performance.
275 kΩ × 4.096 MHz / fMOD
(4)
where:
• fMOD is the ΔΣ modulator frequency, fCLKIN / NDIV
By default, NDIV = 2. NDIV is set by the programmable clock divider, see the Clocking and Power Modes section.
The device uses an input precharge buffer for PGA gain settings of 8 and higher. The input impedance at these
gain settings is very high. Specifying the input bias current for these gain settings is therefore more useful.
8.3.7 Voltage Reference
The AMC131M01 uses an internally generated, low-drift, band-gap voltage to supply the reference for the ADC.
The reference has a nominal voltage of 1.2 V, allowing the differential input voltage to swing from –1.2 V to 1.2 V.
The reference circuitry starts up very quickly to accommodate the fast start-up feature of this device. The device
waits until the reference circuitry is fully settled before generating conversion data.
8.3.8 Internal Test Signals
The AMC131M01 features an internal analog test signal that is useful for troubleshooting and diagnosis. A
positive or negative DC test signal can be applied to the channel inputs through the input multiplexer. The
multiplexer is controlled through the MUX0[1:0] bits in the CH0_CFG register. The test signals are created by
internally dividing the reference voltage.
The test signal is nominally 2 / 15 × VREF. The test signal automatically adjusts the voltage level with the gain
setting such that the ADC always measures a signal that is 2 / 15 × VDiff Max. For example, at a gain of 1, this
voltage equates to 160 mV. At a gain of 2, this voltage is 80 mV.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com