Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 68 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 68 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 64Page - Texas Instruments AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments AMC131M01DFMR Datasheet HTML 67Page - Texas Instruments AMC131M01DFMR Datasheet HTML 68Page - Texas Instruments AMC131M01DFMR Datasheet HTML 69Page - Texas Instruments AMC131M01DFMR Datasheet HTML 70Page - Texas Instruments AMC131M01DFMR Datasheet HTML 71Page - Texas Instruments AMC131M01DFMR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
9.2.1 Design Requirements
Table 9-2 lists the design requirements for a three-phase metrology application.
Table 9-2. Key System Specifications
FEATURES
DESCRIPTION
Number of phases
3 phase (requires measurement of three voltages and three currents)
E-meter accuracy class
Class 0.1
Current sensor
Shunt resistor
Current range
0.05 A–100 A
System nominal frequency
50 Hz or 60 Hz
Measured parameters
•
Active, reactive, apparent power, and energy
•
Root-mean-square (RMS) current and voltage
•
Power factor
•
Line frequency
9.2.2 Detailed Design Procedure
Figure 9-5 illustrates phase A of a three-phase energy meter. The other AMC131M01 devices that monitor
phases B and C are connected in a similar way. The phase A current, ISHUNT, is sensed with a shunt resistor
(RSHUNT) using channel 0 of the ADC (AIN0N, AIN0P). One terminal of the shunt becomes the isolated
ground ISO_GND of the circuit and is connected to the ground pin HGND (pin 5) of the isolated side of the
AMC131M01.
The selection of the shunt resistor value is made based on the manufacturer and current range required for
energy measurements.
The measurement of the mains voltage is not shown in Figure 9-5. This voltage measurement is typically
implemented by sensing each individual phase voltage with a resistor divider connected to a non-isolated
multichannel ADC. This multichannel ADC can be implemented as a discrete component, or using the onboard
ADC of the MCU if available.
In this design, the AMC131M01 interacts with an MCU in the following manner:
• The MCU provides the CLKIN clock to the AMC131M01
• When new ADC conversion data are ready, the AMC131M01 asserts the DRDY pin, which alerts the MCU
that new samples are available
• After being alerted of new conversion data, the MCU retrieves the current samples from the AMC131M01
through the SPI interface
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com