Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 20Page - Texas Instruments AMC131M01DFMR Datasheet HTML 21Page - Texas Instruments AMC131M01DFMR Datasheet HTML 22Page - Texas Instruments AMC131M01DFMR Datasheet HTML 23Page - Texas Instruments AMC131M01DFMR Datasheet HTML 24Page - Texas Instruments AMC131M01DFMR Datasheet HTML 25Page - Texas Instruments AMC131M01DFMR Datasheet HTML 26Page - Texas Instruments AMC131M01DFMR Datasheet HTML 27Page - Texas Instruments AMC131M01DFMR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
bandwidth results in lower noise, whereas higher bandwidth results in higher noise. See Table 7-1 for the noise
specifications for various OSR settings.
The device must be in standby mode when changing the OSR. Setting the OSR[2:0] bits to a new value while
the ADC is generating conversion data can result in unexpected behavior of the ADC output.
Table 8-4. OSR Settings and Data Rates for Nominal Main Clock Frequencies
POWER MODE
NOMINAL MAIN CLOCK
FREQUENCY
fMOD(1)
OSR
OUTPUT DATA RATE
High-resolution
(HR)
8.192 MHz
4.096 MHz
64
64 kSPS
128
32 kSPS
256
16 kSPS
512
8 kSPS
1024
4 kSPS
2048
2 kSPS
4096
1 kSPS
8192
500 SPS
16384
250 SPS
Low-power (LP)
4.096 MHz
2.048 MHz
64
32 kSPS
128
16 kSPS
256
8 kSPS
512
4 kSPS
1024
2 kSPS
2048
1 kSPS
4096
500 SPS
8192
250 SPS
16384
125 SPS
(1)
Programmable clock divider is set to NDIV = 2.
8.3.11.1 Digital Filter Implementation
Figure 8-6 shows the digital filter implementation of the AMC131M01. The modulator bitstream feeds two
parallel filter paths: a sinc3 filter and a fast-settling filter path.
Modulator
Bitstream
Sinc
3
Regular
Filter
Fast-Settling Filter
Sinc
1 Averager
(OSR > 1024)
Global Chop
Logic
PHASEx[9:0]
PGA_GAINx[2:0]
OSR
1024
Power-up
or
Reset
MUX
MUX
1
0
1
0
Calibration
Logic,
Gain scaling
OSR = 1024
OSR[2:0]
OSR[2:0]
Phase
Delay
Figure 8-6. Digital Filter Implementation
8.3.11.1.1 Fast-Settling Filter
At power-up or after a device reset, the AMC131M01 selects the fast-settling filter to allow for settled output
data generation with minimal latency. The fast-settling filter has the characteristic of a first-order sinc filter (sinc1).
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com