Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 26Page - Texas Instruments AMC131M01DFMR Datasheet HTML 27Page - Texas Instruments AMC131M01DFMR Datasheet HTML 28Page - Texas Instruments AMC131M01DFMR Datasheet HTML 29Page - Texas Instruments AMC131M01DFMR Datasheet HTML 30Page - Texas Instruments AMC131M01DFMR Datasheet HTML 31Page - Texas Instruments AMC131M01DFMR Datasheet HTML 32Page - Texas Instruments AMC131M01DFMR Datasheet HTML 33Page - Texas Instruments AMC131M01DFMR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
8.4.1.3 RESET Command
The AMC131M01 can be reset with the SPI RESET command (0011h).
The device communicates in frames of a fixed length. See the SPI Communication Frames section for details
regarding SPI data framing on the AMC131M01. The RESET command is transmitted in the first word of the
data frame on DIN, but the command is not latched and executed by the device until the entire frame is
complete. Terminating the frame early causes the RESET command to be ignored. Five words are required to
complete a frame on the AMC131M01.
A reset occurs immediately after the command is latched. The host must wait for tREGACQ before communicating
with the device to make sure the registers have assumed the default settings. Follow the procedure described in
the Start-Up Behavior After a Pin Reset or RESET Command section after the device is reset.
8.4.2 Start-Up Behavior After Power-Up
The AMC131M01 does not generate conversion data automatically after power-up because the integrated
DC/DC converter is disabled initially. For the ADC to operate, the DC/DC converter must be enabled after
power-up, and a stable supply voltage at the HLDO_OUT pin must be established that serves as the power
supply for the circuitry on the secondary (high) side.
A recommended procedure for powering up the AMC131M01 is described in this section. Figure 8-13 depicts a
timing diagram for the device behavior when this recommended sequence is used. Figure 8-14 provides a flow
diagram that displays the recommended sequence in a graphical form.
Follow these steps to ensure a correct start-up behavior at power-up:
• Power up the DVDD supply.
• The transition of DRDY from low to high indicates a valid supply voltage on the primary side is established,
and also indicates the SPI interface is ready for communication.
• Configure the clock divider by setting the CLK_DIV[1:0] bits in the CLOCK register as needed.
• Configure the modulator clock frequency by setting the DCDC_FREQ[3:0] bits in the DCDC_CTRL register;
see the Clocking and Power Modes section for details.
• Enable the DC/DC converter by setting the DCDC_EN bit in the DCDC_CTRL register to 1b.
• Configure all other registers of the AMC131M01 before the external clock is applied to the CLKIN pin.
• Provide the main clock at the CLKIN input to start operation of the integrated DC/DC converter, and to make
sure that the secondary power supply at the HLDO_OUT pin is generated.
• The transition of the SEC_FAIL bit in the STATUS register from high to low indicates that the secondary
power supply at the HLDO_OUT pin is established and the ADC conversion data output is valid. Confirm
device operation by reading the SEC_FAIL bit, and verify that this bit is set to 0b, before reading any
conversion data from the ADC. There are two options for reading the SEC_FAIL bit in the STATUS register:
sending a NULL command results in a response including the STATUS word, or sending a register read
command to read the STATUS register. The SEC_FAIL bit is a latched bit; therefore, at least two read
commands are required to confirm that this bit transitioned from high to low; the first read command clears
the logic high value that is latched during device power-up. Use the second read command to verify that the
SEC_FAIL bit is set to 0b, indicating that the secondary supply is valid. If the SEC_FAIL bit still reads 1b as a
result of the second read command, continue reading the SEC_FAIL bit until this bit reads 0b before reading
any conversion data from the ADC.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com