Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 23Page - Texas Instruments AMC131M01DFMR Datasheet HTML 24Page - Texas Instruments AMC131M01DFMR Datasheet HTML 25Page - Texas Instruments AMC131M01DFMR Datasheet HTML 26Page - Texas Instruments AMC131M01DFMR Datasheet HTML 27Page - Texas Instruments AMC131M01DFMR Datasheet HTML 28Page - Texas Instruments AMC131M01DFMR Datasheet HTML 29Page - Texas Instruments AMC131M01DFMR Datasheet HTML 30Page - Texas Instruments AMC131M01DFMR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
The offset calibration registers are used to correct for system offset error, otherwise known as zero error.
Offset error corresponds to the ADC output when the input to the system is zero. The AMC131M01 corrects
for offset errors by subtracting the contents of the OCAL0[23:0] register bits in the CH0_OCAL_MSB and
CH0_OCAL_LSB registers from the conversion result before being output. The contents of the OCAL0[23:0] bits
are interpreted by the device as 24-bit, two's-complement values.
The gain calibration registers are used to correct for system gain error. Gain error corresponds to the deviation
of gain of the system from the ideal value. The AMC131M01 corrects for gain errors by multiplying the ADC
conversion result by the value given by the contents of the GCAL0[23:0] register bits in the CH0_GCAL_MSB
and CH0_GCAL_LSB registers before being output. The contents of the GCAL0[23:0] bits are interpreted by the
device as 24-bit unsigned values corresponding to linear steps ranging from gains of 0 to 2 – (1 / 223). Table 8-6
describes the relationship between the GCALn[23:0] bit values and the gain calibration factor.
Table 8-6. GCAL0[23:0] Bit Mapping
GCAL0[23:0] VALUE
GAIN CALIBRATION FACTOR
000000h
0
000001h
1.19 × 10–7
800000h
1
FFFFFEh
2 – 2.38 × 10–7
FFFFFFh
2 – 1.19 × 10–7
The calibration registers do not need to be enabled because these registers are always in use. The OCAL0[23:0]
bits have a default value of 000000h resulting in no offset correction. Similarly, the GCAL0[23:0] bits default to
800000h resulting in a gain calibration factor of 1.
Figure 8-11 shows a block diagram illustrating the mechanics of the calibration registers of the AMC131M01.
Digital
Filter
To Interface
OCAL0[23:0]
GCAL0[23:0]
2
23
1
Modulator
Figure 8-11. Calibration Block Diagram
8.3.13 Register Map CRC
The AMC131M01 performs a CRC on the device register map as a means to check for unintended changes
to the registers. Enable the register map CRC by setting the REG_CRC_EN bit in the MODE register. When
enabled, the device constantly calculates the register map CRC using each bit in the writable register space.
The register addresses covered by the register map CRC on the AMC131M01 are 02h through 31h. The CRC is
calculated beginning with the MSB of register 02h and ending with the LSB of register 31h using the polynomial
selected in the CRC_TYPE bit in the MODE register.
The calculated CRC is a 16-bit value and is stored in the REGMAP_CRC register. The REG_MAP bit in the
STATUS register is set to flag the host if the register map CRC changes, including changes resulting from
register writes. The bit is cleared by reading the STATUS register, or by the STATUS register being output as a
response to the NULL command.
The CRC calculation is initialized with the seed value of FFFFh.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com