Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 16Page - Texas Instruments AMC131M01DFMR Datasheet HTML 17Page - Texas Instruments AMC131M01DFMR Datasheet HTML 18Page - Texas Instruments AMC131M01DFMR Datasheet HTML 19Page - Texas Instruments AMC131M01DFMR Datasheet HTML 20Page - Texas Instruments AMC131M01DFMR Datasheet HTML 21Page - Texas Instruments AMC131M01DFMR Datasheet HTML 22Page - Texas Instruments AMC131M01DFMR Datasheet HTML 23Page - Texas Instruments AMC131M01DFMR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
reverse breakdown voltage. Take care to prevent input voltages or currents from exceeding the limits provided in
the Absolute Maximum Ratings table.
8.3.5 Input Multiplexer
The AMC131M01 has a dedicated input multiplexer. The multiplexer controls which signals are routed to the
ADC. Configure the input multiplexer using the MUX0[1:0] bits in the CH0_CFG register. The input multiplexer
allows the following inputs to be connected to the ADC:
• The analog input pins
• HGND, which is used for offset calibration
• Positive DC test signal
• Negative DC test signal
See the Internal Test Signals section for more information about the test signals. Figure 8-4 shows a diagram of
the input multiplexer on the AMC131M01.
AIN0P
SW
HGND
AIN0N
SW
+
DC Test
Signal
–
To Positive
PGA Input
To Negative
PGA Input
MUX0[1:0] = 00
MUX0[1:0] = 00
MUX0[1:0] = 01
MUX0[1:0] = 01
MUX0[1:0] = 10
MUX0[1:0] = 10
MUX0[1:0] = 11
Figure 8-4. Input Multiplexer
8.3.6 Programmable Gain Amplifier (PGA)
The AMC131M01 features an integrated programmable gain amplifier (PGA) that provides gains of 1, 2, 4, 8, 16,
32, 64, and 128. The gain is controlled by the PGAGAIN0[2:0] bits in the GAIN register.
Changing the PGA gain scales the differential full-scale input voltage range (FSR) of the ADC. Equation 3
describes the relationship between FSR and gain. Equation 3 uses the internal reference voltage, 1.2 V, as the
scaling factor without accounting for gain error caused by tolerance in the reference voltage.
FSR = ±1.2 V / Gain
(3)
Table 8-1 shows the corresponding full-scale ranges for each gain setting.
Table 8-1. Full-Scale Range
GAIN SETTING
FSR
1
±1.2 V
2
±600 mV
4
±300 mV
8
±150 mV
16
±75 mV
32
±37.5 mV
64
±18.75 mV
128
±9.375 mV
The input impedance of the PGA dominates the input impedance characteristics of the AMC131M01. The
PGA input impedance for gain settings up to 4 behaves according to Equation 4 without accounting for
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com