Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 63 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 63 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 59Page - Texas Instruments AMC131M01DFMR Datasheet HTML 60Page - Texas Instruments AMC131M01DFMR Datasheet HTML 61Page - Texas Instruments AMC131M01DFMR Datasheet HTML 62Page - Texas Instruments AMC131M01DFMR Datasheet HTML 63Page - Texas Instruments AMC131M01DFMR Datasheet HTML 64Page - Texas Instruments AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments AMC131M01DFMR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
MCU
Device
Local
Oscillator
DVDD
DGND
CLKOUT
CLKIN
GPIO
SYNC / RESET
GPIO
DRDY
CS
CS
SCLK
SCLK
PICO
DIN
POCI
DOUT
OR
OR
OR
Figure 9-2. Minimum Connections Required to Operate the AMC131M01
9.1.4 Multiple Device Configuration
Multiple AMC131M01 devices can be arranged to scale the number of channels for simultaneous data
acquisition. The same clock must be provided to all devices and the SYNC/RESET pins must be strobed
simultaneously at least one time to align the sample periods internally between devices.
The devices can also share the SPI bus where only the CS pins for each device are unique. Each device can
be addressed sequentially by asserting CS for the device that the host wishes to communicate with. The DOUT
pin remains high impedance when the CS pin is high, allowing the DOUT lines to be shared between devices as
long as no two devices sharing the bus simultaneously have the CS pins low. Figure 9-3 depicts multiple devices
configured for simultaneous data acquisition while sharing the SPI bus.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com