Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 62 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 62 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 58Page - Texas Instruments AMC131M01DFMR Datasheet HTML 59Page - Texas Instruments AMC131M01DFMR Datasheet HTML 60Page - Texas Instruments AMC131M01DFMR Datasheet HTML 61Page - Texas Instruments AMC131M01DFMR Datasheet HTML 62Page - Texas Instruments AMC131M01DFMR Datasheet HTML 63Page - Texas Instruments AMC131M01DFMR Datasheet HTML 64Page - Texas Instruments AMC131M01DFMR Datasheet HTML 65Page - Texas Instruments AMC131M01DFMR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Unused Inputs and Outputs
Leave any unused analog inputs floating or connected to HGND.
Do not float unused digital inputs because excessive power-supply leakage current can result. Tie all unused
digital inputs to the appropriate levels, DVDD or DGND. Leave the DRDY pin unconnected if unused.
9.1.2 Antialiasing
An analog low-pass filter is required in front the ADC input to prevent out-of-band noise and interference from
coupling into the band of interest. Because the AMC131M01 is a delta-sigma ADC, the integrated digital filter
provides substantial attenuation for frequencies outside of the band of interest up to the frequencies adjacent
to fMOD. Therefore, a single-order RC filter provides sufficient antialiasing protection in the vast majority of
applications.
Choosing the values of the resistor and capacitor depends on the desired cutoff frequency, limiting source
impedance for the ADC inputs, and providing enough instantaneous charge to the ADC input sampling circuit
through the filter capacitor. Figure 9-1 shows the recommended filter component values.
4.7 nF
50
Ω
50
Ω
To ADC
Inputs
Figure 9-1. Recommended Antialiasing Circuitry
9.1.3 Minimum Interface Connections
Figure 9-2 illustrates how the AMC131M01 can be configured for the minimum number of interface pins. This
configuration is useful when using data isolation to minimize the number of isolation channels required or when
the microcontroller (MCU) pins are limited.
The CLKIN pin requires an LVCMOS clock that can be either generated by the MCU or created using a
local LVCMOS output device. Tie the SYNC/RESET pin to DVDD in hardware if unused. The DRDY pin can
be left floating if unused. Connect either SYNC/RESET or DRDY to the MCU to make sure the MCU stays
synchronized to ADC conversions. If the MCU provides CLKIN, the CLKIN periods can be counted to determine
the sample period rather than forcing synchronization using the SYNC/RESET pin or monitoring the DRDY
pin. Synchronization cannot be regained if a bit error occurs on the clock and samples can be missed if the
SYNC/RESET or DRDY pins are not used. CS can be tied low in hardware if the AMC131M01 is the only device
on the SPI bus. Make sure the data input and output CRC are enabled and are used to guard against faulty
register reads and writes if CS is tied low permanently.
During a read operation, if CS is tied low permanently, all data words must be extracted from the device, no SPI
word can be skipped.
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com