Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M01DFMR Datasheet(PDF) 43 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 43 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 39Page - Texas Instruments AMC131M01DFMR Datasheet HTML 40Page - Texas Instruments AMC131M01DFMR Datasheet HTML 41Page - Texas Instruments AMC131M01DFMR Datasheet HTML 42Page - Texas Instruments AMC131M01DFMR Datasheet HTML 43Page - Texas Instruments AMC131M01DFMR Datasheet HTML 44Page - Texas Instruments AMC131M01DFMR Datasheet HTML 45Page - Texas Instruments AMC131M01DFMR Datasheet HTML 46Page - Texas Instruments AMC131M01DFMR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
8.5.3.7.1 Reading a Single Register
Read a single register from the device by specifying nnn nnnn as zero in the RREG command word. As with
all SPI commands on the AMC131M01, the response occurs on the output in the frame following the command.
Instead of a unique acknowledgment word, the response word is the contents of the register whose address is
specified in the command word. Figure 8-22 shows an example of reading a single register.
DRDY
CS
SCLK
DIN
DOUT
Channel 0 Data
CRC
Response
Hi-Z
Hi-Z
Channel 0 Data
Register
Data
RREG
CRC
Command
CRC
Figure 8-22. Reading a Single Register
8.5.3.7.2 Reading Multiple Registers
Multiple registers are read from the device when nnn nnnn is specified as a number greater than zero in the
RREG command word. As with all SPI commands on the AMC131M01, the response occurs on the output in the
frame following the command. Instead of a single acknowledgment word, the response spans multiple words to
shift out all requested registers. Continue toggling SCLK to accommodate outputting the entire data stream. ADC
conversion data are not output in the frame following an RREG command to read multiple registers. Figure 8-23
shows an example of reading multiple registers.
CS
SCLK
DIN
DOUT
Channel 0 Data
CRC
Response
Hi-Z
Hi-Z
RREG
ack
RREG
CRC
Command
1
st register’s
data
2
nd register’s
data
N-1
th register’s
data
N
th register’s
data
CRC
Hi-Z
CRC
Figure 8-23. Reading Multiple Registers
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com