Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 17 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 17 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 13Page - VIA Technologies, Inc. VT8235 Datasheet HTML 14Page - VIA Technologies, Inc. VT8235 Datasheet HTML 15Page - VIA Technologies, Inc. VT8235 Datasheet HTML 16Page - VIA Technologies, Inc. VT8235 Datasheet HTML 17Page - VIA Technologies, Inc. VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-11-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
PCI Bus Interface
Signal Name
Pin #
I/O Signal Description
AD[31:0]
(see pin
list)
IO
Address / Data Bus.
Multiplexed address and data. The address is driven with FRAME#
assertion and data is driven or received in following cycles.
CBE[3:0]#
L1, A4,
D1, F4
IO
Command / Byte Enable.
The command is driven with FRAME# assertion.
Byte
enables corresponding to supplied or requested data are driven on following clocks.
DEVSEL#
B3
IO
Device Select.
The VT8235 asserts this signal to claim PCI transactions through positive
or subtractive decoding.
As an input, DEVSEL# indicates the response to a VT8235-
initiated transaction and is also sampled when decoding whether to subtractively decode
the cycle.
FRAME#
B4
IO
Frame.
Assertion indicates the address phase of a PCI transfer. Negation indicates that
one more data transfer is desired by the cycle initiator.
IRDY#
C4
IO
Initiator Ready.
Asserted when the initiator is ready for data transfer.
TRDY#
A3
IO
Target Ready.
Asserted when the target is ready for data transfer.
STOP#
C3
IO
Stop.
Asserted by the target to request the master to stop the current transaction.
SERR#
C1
I
System Error.
SERR# can be pulsed active by any PCI device that detects a system error
condition. Upon sampling SERR# active, the VT8235 can be programmed to generate an
NMI to the CPU.
PAR
D3
IO
Parity.
A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
INTA#
INTB#
INTC#
INTD#
INTE#
/ GPIO12
/ PCGNTA,
INTF#
/ GPIO13
/
PCGNTB,
INTG#
/ GPIO14,
INTH#
/ GPIO15
P1,
P2,
P3,
R1
A7,
B8,
D8,
C7
I
PCI Interrupt Request
. The INTA# through INTD# pins are typically connected to the
PCI bus INTA#-INTD# pins per the table below. INTE-H# are enabled by setting Device
17, Function 0 Rx5B[1] = 1. BIOS settings must match the physical connection method.
INTA#
INTB#
INTC#
INTD#
PCI Slot 1
INTA#
INTB#
INTC#
INTD#
PCI Slot 2
INTB#
INTC#
INTD#
INTE#
PCI Slot 3
INTC#
INTD#
INTE#
INTF#
PCI Slot 4
INTD#
INTE#
INTF#
INTG#
PCI Slot 5
INTE#
INTF#
INTG#
INTH#
PCI Slot 6
INTF#
INTG#
INTH#
INTA#
REQ5#
/ GPI7,
REQ4#,
REQ3#,
REQ2#,
REQ1#,
REQ0#
N4
L4
H4
D4
C5
D6
I
PCI Request.
These signals connect to the VT8235 from each PCI slot (or each PCI
master) to request the PCI bus. To use pin N4 as REQ5#, Function 0 RxE4 must be set to
1 otherwise this pin will function as General Purpose Input 7.
GNT5#
/ GPO7,
GNT4#,
GNT3#,
GNT2#,
GNT1#,
GNT0#
P4
M4
J4
E4
D5
E6
O
PCI Grant.
These signals are driven by the VT8235 to grant PCI access to a specific PCI
master. To use pin P4 as GNT5#, Function 0 RxE4 must be set to 1 otherwise this pin will
function as General Purpose Output 7.
PCIRST#
R2
O
PCI Reset.
This signal is used to reset devices attached to the PCI bus.
PCICLK
R22
I
PCI Clock.
This signal provides timing for all transactions on the PCI Bus.
PCKRUN#
AF5
IO
PCI Bus Clock Run.
This signal indicates whether the PCI clock is or will be stopped
(high) or running (low). The VT8235 drives this signal low when the PCI clock is running
(default on reset) and releases it when it stops the PCI clock. External devices may assert
this signal low to request that the PCI clock be restarted or prevent it from stopping.
Connect this pin to ground using a 100
Ω resistor if the function is not used. Refer to the
“PCI Mobile Design Guide” and the VIA “VT8633 Apollo Pro266 Design Guide” for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com