Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 84 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 84 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-78-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 98 – GP2 / GP3 Timer Control .............................RW
7
GP3 Timer Start
On setting this bit to 1, the GP3 timer loads the value
defined by Rx5A and starts counting down. The GP3
timer is reloaded at the occurrence of certain events
enabled in the GP Timer Reload Enable Register
(Power Management I/O Space Offset 38h). If no
such event occurs and the GP3 timer counts down to
zero, then the GP3 Timer Timeout Status bit is set to
one (bit-13 of the Global Status register at Power
Management
Register
I/O
Space
Offset
28h).
Additionally, if the GP3 Timer Timeout Enable bit is
set (bit-13 of the Global Enable register at Power
Management Register I/O Space Offset 2Ah), then an
SMI is generated.
6
GP3 Timer Automatic Reload
0
GP3 Timer stops at 0 ............................ default
1
Reload GP3 timer automatically after counting
down to 0
5-4
GP3 Timer Tick Select
00 Disable .................................................. default
01 1/16 second
10 1 second
11 1 minute
3
GP2 Timer Start
On setting this bit to 1, the GP2 timer loads the value
defined by Rx59 and starts counting down. The GP2
timer is reloaded at the occurrence of certain events
enabled in the GP Timer Reload Enable Register
(Power Management I/O Space Offset 38h). If no
such event occurs and the GP2 timer counts down to
zero, then the GP2 Timer Timeout Status bit is set to
one (bit-12 of the Global Status register at Power
Management
Register
I/O
Space
Offset
28h).
Additionally, if the GP2 Timer Timeout Enable bit is
set (bit-12 of the Global Enable register at Power
Management Register I/O Space Offset 2Ah), then an
SMI is generated.
2
GP2 Timer Automatic Reload
0
GP2 Timer stops at 0 ............................ default
1
Reload GP2 timer automatically after counting
down to 0
1-0
GP2 Timer Tick Select
00 Disable .................................................. default
01 1/16 second
10 1 second
11 1 minute
Offset 99 – GP2 Timer...................................................... RW
7
Write: GP2 Timer Load Value
...............default = 0
Read: GP2 Timer Current Count
Offset 9A – GP3 Timer..................................................... RW
7
Write: GP3 Timer Load Value
...............default = 0
Read: GP3 Timer Current Count
Offset C3-C0 – Power Management Capability.............. RO
31-16 Power Management Capability
.always reads 0002h
15-8 Next Pointer
....................................always reads 00h
7-0
Capability ID
..................................always reads 01h
Offset C7-C4 – Power Mgmt Capability CSR................ RW
31-24 Power Management Data
...............always reads 00h
23-16 PM CSR P2P Support Extensions
.always reads 00h
15-0 PM Control / Status (D0/D3 Only)
..default = 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com