Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 7 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 7 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 3Page - VIA Technologies, Inc. VT8235 Datasheet HTML 4Page - VIA Technologies, Inc. VT8235 Datasheet HTML 5Page - VIA Technologies, Inc. VT8235 Datasheet HTML 6Page - VIA Technologies, Inc. VT8235 Datasheet HTML 7Page - VIA Technologies, Inc. VT8235 Datasheet HTML 8Page - VIA Technologies, Inc. VT8235 Datasheet HTML 9Page - VIA Technologies, Inc. VT8235 Datasheet HTML 10Page - VIA Technologies, Inc. VT8235 Datasheet HTML 11Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-1-
Product Features
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
VT8235
LOW COST V-LINK CLIENT
HIGHLY INTEGRATED SOUTH BRIDGE
HIGH BANDWIDTH V-LINK CLIENT CONTROLLER
INTEGRATED FAST ETHERNET,
INTEGRATED DIRECT SOUND AC97 AUDIO,
ULTRADMA-133/100/66/33 MASTER MODE EIDE CONTROLLER,
SIX PORT USB 2.0 CONTROLLER, KEYBOARD / MOUSE CONTROLLER,
RTC, LPC, SMBUS, SERIAL IRQ, PLUG AND PLAY, ACPI,
AND
PC2001 COMPLIANT ENHANCED POWER MANAGEMENT
PRODUCT FEATURES
x
Inter-operable with VIA Host-to-V-Link Host Controller
− Combine with VT8754 (Apollo P4X333) for a complete 533 / 400 MHz FSB Pentium 4 system
− Combine with VT8377 (Apollo KX400) for a complete 266 / 200 MHz FSB Athlon Socket-A system
x
High Bandwidth 533 MB/s 8-bit V-Link Client Controller
− Supports 66 MHz V-Link Client interface with total bandwidth of 533 MB/sec
− V-Link operates in 2x, 4x, and 8x modes
− Full duplex commands with separate Strobe / Command
− Request / Data split transaction
− Configurable outstanding transaction queue for V-Link Client accesses
− Auto Client Retry to eliminate V-Link Host-Client Retry cycles
− Intelligent V-Link transaction protocol to eliminate data wait-state / throttle transfer latency; all V-Link transactions
for both Host and Client have a consistent view of transaction data depth and buffer size to avoid data overflow.
− Highly efficient V-Link arbitration with minimum overhead; all V-Link transactions have predictable cycle length
with known Command / Data duration
− Auto connect / reconnect capability and dynamic stop for minimum power consumption
− Parity checking to insure correct data transfers
x
Integrated Peripheral Controllers
− Integrated Fast Ethernet Controller with 1 / 10 / 100 Mbit capability
− Integrated USB 2.0 Controller with three root hubs and six function ports
− Dual channel UltraDMA-133 / 100 / 66 / 33 master mode EIDE controller
− AC-link interface for AC-97 audio codec and modem codec
− HSP modem support
− Integrated DirectSound compatible digital audio controller
− LPC interface for Low Pin Count interface to Super-I/O or ROM
x
Integrated Legacy Functions
− Integrated Keyboard Controller with PS2 mouse support
− Integrated DS12885-style Real Time Clock with extended 256 byte CMOS RAM and Day/Month Alarm for ACPI
− Integrated DMA, timer, and interrupt controller
− Serial IRQ for docking and non-docking applications
− Fast reset and Gate A20 operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com