Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 76 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 76 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. VT8235 Datasheet HTML 73Page - VIA Technologies, Inc. VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. VT8235 Datasheet HTML 75Page - VIA Technologies, Inc. VT8235 Datasheet HTML 76Page - VIA Technologies, Inc. VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-70-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
ISA Decoding Control
Offset 6C – ISA Positive Decoding Control 1..................RW
7
On-Board I/O (Ports 00-FFh) Positive Decoding
0
Disable .................................................. default
1
Enable
6
Microsoft-Sound
System
I/O
Port
Positive
Decoding
0
Disable .................................................. default
1
Enable (bits 5-4 determine the decode range)
5-4
Microsoft Sound System I/O Decode Range
00 0530h-0537h ......................................... default
01 0604h-060Bh
10 0E80-0E87h
11 0F40h-0F47h
3
Internal APIC Positive Decoding
0
Disable .................................................. default
1
Enable
2
BIOS ROM Positive Decoding
0
Disable .................................................. default
1
Enable
1
Internal PCS1# Positive Decoding
0
Disable .................................................. default
1
Enable
0
Internal PCS0# Positive Decoding
0
Disable .................................................. default
1
Enable
Offset 6D – ISA Positive Decoding Control 2..................RW
7
FDC Positive Decoding
0
Disable .................................................. default
1
Enable
6
LPT Positive Decoding
0
Disable .................................................. default
1
Enable
5-4
LPT Decode Range
00 3BCh-3BFh, 7BCh-7BEh...................... default
01 378h-37Fh, 778h-77Ah
10 278h-27Fh, 678h-67Ah
11 -reserved-
3
Game Port Positive Decoding
0
Disable .................................................. default
1
Enable
2
MIDI Positive Decoding
0
Disable .................................................. default
1
Enable
1-0
MIDI Decode Range
00 300-303h ............................................... default
01 310-313h
10 320-323h
11 330-333h
Offset 6E – ISA Positive Decoding Control 3 ................. RW
7
COM Port B Positive Decoding
0
Disable ................................................... default
1
Enable
6-4
COM-Port B Decode Range
000 3F8h-3FFh
(COM1) ............................ default
001 2F8h-2FFh
(COM2)
010 220h-227h
011 228h-22Fh
100 238h-23Fh
101 2E8h-2EFh (COM4)
110 338h-33Fh
111 3E8h-3EFh (COM3)
3
COM Port A Positive Decoding
0
Disable ................................................... default
1
Enable
2-0
COM-Port A Decode Range
000 3F8h-3FFh
(COM1) ............................ default
001 2F8h-2FFh
(COM2)
010 220h-227h
011 228h-22Fh
100 238h-23Fh
101 2E8h-2EFh (COM4)
110 338h-33Fh
111 3E8h-3EFh (COM3)
Offset 6F – ISA Positive Decoding Control 4 ................. RW
7-6
Reserved
........................................always reads 0
5
PCS2# and PCS3# Positive Decoding
0
Disable ................................................... default
1
Enable
4
I/O Port 0CF9h Positive Decoding
0
Disable ................................................... default
1
Enable
3
FDC Decoding Range
0
Primary .................................................. default
1
Secondary
2
Sound Blaster Positive Decoding
0
Disable ................................................... default
1
Enable
1-0
Sound Blaster Decode Range
00 220-233h................................................ default
01 240-253h
10 260-273h
11 280-293h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com