Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 71 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 71 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. VT8235 Datasheet HTML 73Page - VIA Technologies, Inc. VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. VT8235 Datasheet HTML 75Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-65-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Function Control
Offset 50 – Function Control 1 (09h) ...............................RW
7
Device 17 Function 6 MC97
0
Enable.................................................... default
1
Disable
6
Device 17 Function 5 AC97
0
Enable.................................................... default
1
Disable
5
Device 16 Function 1 USB 1.1 UHCI Ports 2-3
0
Enable.................................................... default
1
Disable
4
Device 16 Function 0 USB 1.1 UHCI Ports 0-1
0
Enable.................................................... default
1
Disable
3
Device 17 Function 1 IDE
0
Enable
1
Disable ..................................................default
2
Device 16 Function 2 USB 1.1 UHCI Ports 4-5
0
Enable.................................................... default
1
Disable
1
Device 16 Function 4 USB 2.0 EHCI
0
Enable.................................................... default
1
Disable
0
Internal Audio ..................................................... RO
0
Disable
1
Enable....................................................default
Offset 51 – Function Control 2 (0Dh).............................. RW
7-6
Reserved
........................................always reads 0
5
Internal LAN Controller Clock Gating
When bit-4 of this register is disabled, the LAN
function is disabled but the LAN controller clock is
not gated automatically.
This bit controls whether
the clock is actually gated.
0
Disable ................................................... default
1
Enable
4
Internal LAN Controller
0
Disable ................................................... default
1
Enable
3
Internal RTC
0
Disable
1
Enable ................................................... default
2
Internal PS2 Mouse
0
Disable
1
Enable ................................................... default
1
Internal KBC Configuration
0
Disable ports 2E / 2F offsets E0-EF ...... default
1
Enable ports 2E / 2F offsets E0-EF
0
Internal KBC
0
Disable
1
Enable ................................................... default
0 / Disable
1 / Enable
Pin
(External KBC)
(Internal KBC)
AF12
KBCS#
ROMCS#
V2
KBRC
KBDT
V3
KA20G
KBCK
W1
IRQ12
MSDT
W2
IRQ1
MSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com