Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 45 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 45 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. VT8235 Datasheet HTML 47Page - VIA Technologies, Inc. VT8235 Datasheet HTML 48Page - VIA Technologies, Inc. VT8235 Datasheet HTML 49Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-39-
Legacy I/O Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
DMA Controller I/O Registers
Ports 00-0F - Master DMA Controller
Channels 0-3 of the Master DMA Controller control System
DMA Channels 0-3. There are 16 Master DMA Controller
registers:
I/O Address Bits 15-0
Register Name
0000 0000 000x 0000
Ch 0 Base / Current Address
RW
0000 0000 000x 0001
Ch 0 Base / Current Count
RW
0000 0000 000x 0010
Ch 1 Base / Current Address
RW
0000 0000 000x 0011
Ch 1 Base / Current Count
RW
0000 0000 000x 0100
Ch 2 Base / Current Address
RW
0000 0000 000x 0101
Ch 2 Base / Current Count
RW
0000 0000 000x 0110
Ch 3 Base / Current Address
RW
0000 0000 000x 0111
Ch 3 Base / Current Count
RW
0000 0000 000x 1000
Status / Command
RW
0000 0000 000x 1001
Write Request
WO
0000 0000 000x 1010
Write Single Mask
WO
0000 0000 000x 1011
Write Mode
WO
0000 0000 000x 1100
Clear Byte Pointer F/F
WO
0000 0000 000x 1101
Master Clear
WO
0000 0000 000x 1110
Clear Mask
WO
0000 0000 000x 1111
R/W All Mask Bits
RW
Ports C0-DF - Slave DMA Controller
Channels 0-3 of the Slave DMA Controller control System
DMA Channels 4-7.
There are 16 Slave DMA Controller
registers:
I/O Address Bits 15-0
Register Name
0000 0000 1100 000x
Ch 4 Base / Current Address
RW
0000 0000 1100 001x
Ch 4 Base / Current Count
RW
0000 0000 1100 010x
Ch 5 Base / Current Address
RW
0000 0000 1100 011x
Ch 5 Base / Current Count
RW
0000 0000 1100 100x
Ch 6 Base / Current Address
RW
0000 0000 1100 101x
Ch 6 Base / Current Count
RW
0000 0000 1100 110x
Ch 7 Base / Current Address
RW
0000 0000 1100 111x
Ch 7 Base / Current Count
RW
0000 0000 1101 000x
Status / Command
RW
0000 0000 1101 001x
Write Request
WO
0000 0000 1101 010x
Write Single Mask
WO
0000 0000 1101 011x
Write Mode
WO
0000 0000 1101 100x
Clear Byte Pointer F/F
WO
0000 0000 1101 101x
Master Clear
WO
0000 0000 1101 110x
Clear Mask
WO
0000 0000 1101 111x
Read/Write All Mask Bits
WO
Note that not all bits of the address are decoded.
The Master and Slave DMA Controllers are compatible with
the Intel 8237 DMA Controller chip. Detailed description of
8237 DMA controller operation can be obtained from the Intel
Peripheral Components Data Book and numerous other
industry publications.
Ports 80-8F - DMA Page Registers
There are eight DMA Page Registers, one for each DMA
channel.
These registers provide bits 16-23 of the 24-bit
address for each DMA channel (bits 0-15 are stored in
registers in the Master and Slave DMA Controllers). They are
located at the following I/O Port addresses:
I/O Address Bits 15-0
Register Name
0000 0000 1000 0111
Channel 0 DMA Page (M-0).........RW
0000 0000 1000 0011
Channel 1 DMA Page (M-1).........RW
0000 0000 1000 0001
Channel 2 DMA Page (M-2).........RW
0000 0000 1000 0010
Channel 3 DMA Page (M-3).........RW
0000 0000 1000 1111
Channel 4 DMA Page (S-0)...........RW
0000 0000 1000 1011
Channel 5 DMA Page (S-1)...........RW
0000 0000 1000 1001
Channel 6 DMA Page (S-2)...........RW
0000 0000 1000 1010
Channel 7 DMA Page (S-3) ..........RW
DMA Controller Shadow Registers
The DMA Controller shadow registers are enabled by setting
function 0 Rx77 bit 0. If the shadow registers are enabled,
they are read back at the indicated I/O port instead of the
standard DMA controller registers (writes are unchanged).
Port 0 –Channel 0 Base Address ...................................... RO
Port 1 –Channel 0 Byte Count .......................................... RO
Port 2 –Channel 1 Base Address ...................................... RO
Port 3 –Channel 1 Byte Count .......................................... RO
Port 4 –Channel 2 Base Address ...................................... RO
Port 5 –Channel 2 Byte Count .......................................... RO
Port 6 –Channel 3 Base Address ...................................... RO
Port 7 –Channel 3 Byte Count .......................................... RO
Port 8 –1
st Read Channel 0-3 Command Register .......... RO
Port 8 –2
nd Read Channel 0-3 Request Register.............. RO
Port 8 –3
rd Read Channel 0 Mode Register ..................... RO
Port 8 –4
th Read Channel 1 Mode Register ..................... RO
Port 8 –5
th Read Channel 2 Mode Register ..................... RO
Port 8 –6
th Read Channel 3 Mode Register ..................... RO
Port F –Channel 0-3 Read All Mask ................................ RO
Port C4 –Channel 5 Base Address.................................... RO
Port C6 –Channel 5 Byte Count ....................................... RO
Port C8 –Channel 6 Base Address.................................... RO
Port CA –Channel 6 Byte Count ...................................... RO
Port CC –Channel 7 Base Address................................... RO
Port CE –Channel 7 Byte Count ...................................... RO
Port D0 –1
st Read Channel 4-7 Command Register........ RO
Port D0 –2
nd Read Channel 4-7 Request Register........... RO
Port D0 –3
rd Read Channel 4 Mode Register .................. RO
Port D0 –4
th Read Channel 5 Mode Register................... RO
Port D0 –5
th Read Channel 6 Mode Register................... RO
Port D0 –6
th Read Channel 7 Mode Register................... RO
Port DE –Channel 4-7 Read All Mask ............................. RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com