Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 49 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 49 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. VT8235 Datasheet HTML 47Page - VIA Technologies, Inc. VT8235 Datasheet HTML 48Page - VIA Technologies, Inc. VT8235 Datasheet HTML 49Page - VIA Technologies, Inc. VT8235 Datasheet HTML 50Page - VIA Technologies, Inc. VT8235 Datasheet HTML 51Page - VIA Technologies, Inc. VT8235 Datasheet HTML 52Page - VIA Technologies, Inc. VT8235 Datasheet HTML 53Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-43-
Memory Mapped I/O APIC Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Memory Mapped I/O APIC Registers
Memory Address FEC00000 – APIC Index ....................RW
7-0
APIC Index
.......................................... default = 00h
8-bit pointer to APIC registers.
Memory Address FEC00013-10 – APIC Data ................RW
31-0 APIC Data
............................. default = 0000 0000h
Data for the APIC register pointed to by the APIC
index
Memory Address FEC00020 – APIC IRQ Pin AssertionWO
7-5
Reserved
........................................ always reads 0
4-0
APIC IRQ Number
........................default undefined
IRQ # for this interrupt. Valid values are 0-23 only.
Memory Address FEC00040 – APIC EOI ..................... WO
7-0
Redirection Entry Clear
................default undefined
When a write is issued to this register, the APIC will
check this field and compare it with the vector field
for each entry in the I/O redirection table. When a
match is found, the “Remote_IRR” bit for that I/O
Redirection Entry will be cleared.
Indexed I/O APIC Registers
Offset 0 – APIC Identification (0000 0000h) .................. RW
31-28 Reserved
........................................always reads 0
27-24 APIC Identification
..................................default = 0
Software must program this value before using the
APIC.
23-0 Reserved
........................................always reads 0
Offset 1 – APIC Version (00178003) ................................ RO
31-24 Reserved
....................................always reads 00h
23-16 Maximum Redirection
...................always reads 17h
Equal to the number of APIC interrupt pins minus
one. For this APIC, this value is 17h (23 decimal).
15
PCI IRQ
Always reads 1 to indicate that the IRQ assertion
register is implemented and that PCI devices are
allowed to write to it to cause interrupts.
14-8 Reserved
........................................always reads 0
7-0
APIC Version
..................................always reads 03h
The implementation version for this APIC is 03h.
Offset 2 – APIC Arbitration (0000 0000h)....................... RO
31-28 Reserved
....................................always reads 00h
27-24 APIC Arbitration ID
......................always reads 00h
23-0 Reserved
....................................always reads 00h
Offset 3 – Boot Configuration (0000 0000h) ................... RW
31-1 Reserved
....................................always reads 00h
0
Interrupt Delivery Mechanism
0
APIC Serial Bus..................................... default
1
Front Side Bus Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com