Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 39 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 39 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-33-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Function 5 I/O Base 0 Registers – AC97 Audio S/G DMA
Offset AC97 SGD I/O Registers
Default
Acc
x0
SGD Channel x Status
00
WC
x1
SGD Channel x Control
00
RW
x2
SGD Channel x Left Volume
3F
RW
x3
SGD Channel x Right Volume
3F
RW
x7-x4 SGD Channel x Table Pointer Base
SGD Channel x Current Address
0000 0000 WR
RD
xB-x8 Stop Index / Data Type / Sample Rate FF0F FFFF RW
xF-xC SGD Channel x Current Count
0000 0000 RO
40
SGD 3D Channel Status
00
WC
41
SGD 3D Channel Control
00
RW
42
SGD 3D Channel Format
00
RW
43
SGD 3D Channel Scratch
00
RW
47-44 SGD 3D Channel Table Pointer Base
SGD 3D Channel Current Address
0000 0000 WR
RD
4B-48 SGD 3D Channel Slot Select
FF00 0000 RW
4F-4C SGD 3D Channel Current Count
0000 0000 RO
50-5F -reserved-
00
—
60
SGD Write Channel 0 Status
00
WC
61
SGD Write Channel 0 Control
00
RW
62
SGD Write Channel 0 Format
00
RW
63
SGD Write Channel 0 Select
00
RW
67-64 SGD Write Channel 0 Table Ptr Base
SGD Write Channel 0 Current Addr
0000 0000 WR
RD
6B-68 SGD Write Channel 0 Stop Index
FF00 0000 RW
6F-6C SGD Write Channel 0 Current Count
0000 0000 RO
70
SGD Write Channel 1 Status
00
WC
71
SGD Write Channel 1 Control
00
RW
72
SGD Write Channel 1 Format
00
RW
73
SGD Write Channel 1 Select
00
RW
77-74 SGD Write Channel 1 Table Ptr Base
SGD Write Channel 1 Current Addr
0000 0000 WR
RD
7B-78 SGD Write Channel 1 Stop Index
FF00 0000 RW
7F-7C SGD Write Channel 1 Current Count
0000 0000 RO
Offset AC97 / Audio Codec I/O Registers
Default
Acc
83-80 AC97 Controller Command / Status
0000 0000 RW
87-84 SGD Global IRQ Shadow
0000 0000 RO
8B-88 Modem Codec GPI Intr Status / GPIO 0000 0000 RO
8F-8C Modem Codec GPI Interrupt Enable
0000 0000 RO
90-9F Shadow PCI Config Registers 40-4F
n/a
RO
A0-FF -reserved-
00
—
Function 6 I/O Base 0 Registers – MC97 Modem S/G DMA
Offset MC97 SGD I/O Registers
Default
Acc
0-7
-reserved-
00
—
8-F
-reserved-
00
—
10-17 -reserved-
00
—
18-1F -reserved-
00
—
20-27 -reserved-
00
—
28-2F -reserved-
00
—
30-37 -reserved-
00
—
38-3F -reserved-
00
—
40
SGD Read Channel Status
00
WC
41
SGD Read Channel Control
00
RW
42
SGD Read Channel Type
00
RW
43
-reserved-
00
—
47-44 SGD Read Chan Table Pointer Base
SGD Read Channel Current Address
0000 0000 WR
RD
4B-48 -reserved- (Test)
0000 0000 RO
4F-4C SGD Read Channel Current Count
0000 0000 RO
50
SGD Write Channel Status
00
WC
51
SGD Write Channel Control
00
RW
52
SGD Write Channel Type
00
RW
53
-reserved-
00
—
57-54 SGD Write Channel Table Ptr Base
SGD Write Channel Current Address
0000 0000 WR
RD
5B-58 Reserved (Test)
0000 0000 RO
5F-5C SGD Write Channel Current Count
0000 0000 RO
60-7F -reserved-
00
—
Offset AC97 / Modem Codec I/O Registers
Default
Acc
83-80 AC97 Controller Command / Status
0000 0000 RW
87-84 SGD Global IRQ Shadow
0000 0000 RO
8B-88 Modem Codec GPI Intr Status / GPIO 0000 0000 WC
8F-8C Modem Codec GPI Interrupt Enable
0000 0000 RW
90-9F Shadow PCI Config Registers 40-4F
n/a
RO
A0-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com