Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 10 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 10 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 6Page - VIA Technologies, Inc. VT8235 Datasheet HTML 7Page - VIA Technologies, Inc. VT8235 Datasheet HTML 8Page - VIA Technologies, Inc. VT8235 Datasheet HTML 9Page - VIA Technologies, Inc. VT8235 Datasheet HTML 10Page - VIA Technologies, Inc. VT8235 Datasheet HTML 11Page - VIA Technologies, Inc. VT8235 Datasheet HTML 12Page - VIA Technologies, Inc. VT8235 Datasheet HTML 13Page - VIA Technologies, Inc. VT8235 Datasheet HTML 14Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-4-
Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
OVERVIEW
The VT8235 South Bridge is a high integration, high performance, power-efficient, and high compatibility device that supports
Intel and non-Intel based processor to V-Link bus bridge functionality to make a complete Microsoft PC2001-compliant PCI/LPC
system. The VT8235 includes standard intelligent peripheral controllers:
a) IEEE 802.3 compliant 10 / 100 Mbps PCI bus master Ethernet MAC with standard MII interface to external PHYceiver.
b) Master mode enhanced IDE controller with dual channel DMA engine and interlaced dual channel commands. Dedicated
FIFO coupled with scatter and gather master mode operation allows high performance transfers between PCI and IDE
devices. In addition to standard PIO and DMA mode operation, the VT8235 also supports the UltraDMA-133, 100, 66, and
33 standards to allow reliable data transfer at rates up to 133 MB/sec. The IDE controller is SFF-8038i v1.0 and Microsoft
Windows-family compliant.
c) Universal Serial Bus controller that is USB v2.0 / 1.1 and Universal HCI v2.0 / 1.1 compliant. The VT8235 includes three
root hubs with six function ports with integrated physical layer transceivers. The USB controller allows hot plug and play
and isochronous peripherals to be inserted into the system with universal driver support. The controller also implements
legacy keyboard and mouse support so that legacy software can run transparently in a non-USB-aware operating system
environment.
d) Keyboard controller with PS2 mouse support.
e) Real Time Clock with 256 byte extended CMOS. In addition to the standard ISA RTC functionality, the integrated RTC also
includes the date alarm, century field, and other enhancements for compatibility with the ACPI standard.
f) Notebook-class power management functionality compliant with ACPI and legacy APM requirements. Multiple sleep states
(power-on suspend, suspend-to-DRAM, and suspend-to-Disk) are supported with hardware automatic wake-up. Additional
functionality includes event monitoring, CPU clock throttling and stop (Intel processor protocol), PCI bus clock stop control,
modular power, clock and leakage control, hardware-based and software-based event handling, general purpose I/O, chip
select and external SMI.
g) Full System Management Bus (SMBus) interface.
h) Integrated bus-mastering dual full-duplex direct-sound AC97-link-compatible sound system.
i) Plug and Play controller that allows complete steerability of all PCI interrupts and internal interrupts / DMA channels to any
interrupt channel. One additional steerable interrupt channel is provided to allow plug and play and reconfigurability of on-
board peripherals for Windows family compliance.
The VT8235 also enhances the functionality of the standard ISA peripherals. The integrated interrupt controller supports both
edge and level triggered interrupts channel by channel. The integrated DMA controller supports type F DMA in addition to
standard ISA DMA modes. Compliant with the PCI-2.2 specification, the VT8235 supports delayed transactions and remote
power management so that slower ISA peripherals do not block the traffic of the PCI bus. Special circuitry is built in to allow
concurrent operation without causing dead lock even in a PCI-to-PCI bridge environment. The chip also includes eight levels
(doublewords) of line buffers from the PCI bus to the ISA bus to further enhance overall system performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com