Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 35 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 35 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 31Page - VIA Technologies, Inc. VT8235 Datasheet HTML 32Page - VIA Technologies, Inc. VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-29-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Configuration Space Power Management Registers
Offset Power Management
Default
Acc
80
General Configuration 0
00
RW
81
General Configuration 1
04
RW
82
ACPI Interrupt Select
00
RW
83
-reserved-
00
—
85-84 Primary Interrupt Channel
0000
RW
87-86 Secondary Interrupt Channel
0000
RW
8B-88 Power Mgmt I/O Base (256 Bytes)
0000 0001 RW
8C
Host Bus Power Mgmt Control
00
RW
8D
Throttle / Clock Stop Control
00
RW
8E-8F -reserved-
00
—
93-90 GP Timer Control
0000 0000 RW
94
Power Well Control
00
RW
95
Miscellaneous Control
00
RW
96
Power On / Reset Control
00
RW
97
-reserved-
00
—
98
GP2 / GP3 Timer Control
00
RW
99
GP2 Timer
00
RW
9A
GP3 Timer
00
RW
9B-A0 -reserved-
00
—
A1
Write value for Offset 9 (Prog Intfc)
00
WO
A2
Write value for Offset A (Sub Class)
00
WO
A3
Write value for Offset B (Base Class)
00
WO
A4-BF -reserved-
00
—
C3-C0 Power Management Capability
0002 0001 RO
C7-C4 Power Management Capability CSR
0000 0000 RW
C8-CF -reserved-
00
—
Configuration Space SMBus Registers
Offset System Management Bus
Default
Acc
D1-D0 SMBus I/O Base (16 Bytes)
0001
RW
D2
SMBus Host Configuration
00
RW
D3
SMBus Host Slave Command
00
RW
D4
SMBus Slave Address Shadow Port 1
00
RW
D5
SMBus Slave Address Shadow Port 2
00
RW
D6
SMBus Revision ID
nn
RO
D7-DF -reserved-
00
—
Configuration Space General Purpose I/O Registers
Offset General Purpose I/O
Default
Acc
E0
GPI Inversion Control
00
RW
E1
GPI SCI / SMI Select
00
RW
E2-E3 -reserved-
00
—
E4
GPO Pin Select
00
RW
E5
GPIO I/O Select 1
00
RW
E6
GPIO I/O Select 2
00
RW
E7
GPO Output Type
00
RW
E8-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com