Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 90 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 90 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-84-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
General Purpose Power Management Registers
I/O Offset 21-20 - General Purpose Status ...................RWC
15
North Bridge SERR# Status
14
USB Wake-Up Status
For STR / STD / Soff
13
AC97 Wake-Up Status
Can be set only in suspend mode
12
Battery Low Status
Set when the BATLOW# input is asserted low.
11
Notebook Lid Status
Set when the LID input detects the edge selected by
Rx2C bit-7 (0=rising, 1=falling).
10
Thermal Detect Status
Set when the THRM# input detects the edge selected
by Rx2C bit-6 (0=rising, 1=falling).
9
Reserved
........................................ always reads 0
8
Ring Status
Set when the RING# input is asserted low.
7
Reserved
........................................ always reads 0
6
INTRUDER# Status
Set when the INTRUDER# pin is asserted low.
5
PME# Status
Set when the PME# pin is asserted low.
4
EXTSMI# Status
Set when the EXTSMI# pin is asserted low.
3
Internal LAN PME Status
Set when the internal LAN PME signal is asserted.
2
Internal KBC PME Status
Set when the internal KBC PME signal is asserted.
1
GPI1 Status
Set when the GPI1 pin is asserted low.
0
GPI0 Status
Set when the GPI0 pin is asserted low.
Note that the above bits correspond one for one with the bits
of the General Purpose SCI Enable and General Purpose SMI
Enable registers at offsets 22 and 24:
an SCI or SMI is
generated if the corresponding bit of the General Purpose SCI
or SMI Enable registers, respectively, is set to one.
The above bits are set by hardware only and can only be
cleared by writing a one to the desired bit.
I/O Offset 23-22 - General Purpose SCI Enable ............ RW
15
Enable SCI on setting of Rx21-20[15]
.............def=0
14
Enable SCI on setting of Rx21-20[14]
.............def=0
13
Enable SCI on setting of Rx21-20[13]
.............def=0
12
Enable SCI on setting of Rx21-20[12]
.............def=0
11
Enable SCI on setting of Rx21-20[11]
.............def=0
10
Enable SCI on setting of Rx21-20[10]
.............def=0
9
Reserved
........................................always reads 0
8
Enable SCI on setting of Rx21-20[8]
...............def=0
7
Reserved
........................................always reads 0
6
Enable SCI on setting of Rx21-20[6]
...............def=0
5
Enable SCI on setting of Rx21-20[5]
...............def=0
4
Enable SCI on setting of Rx21-20[4]
...............def=0
3
Enable SCI on setting of Rx21-20[3]
...............def=0
2
Enable SCI on setting of Rx21-20[2]
...............def=0
1
Enable SCI on setting of Rx21-20[1]
...............def=0
0
Enable SCI on setting of Rx21-20[0]
...............def=0
These bits allow generation of an SCI using a separate set of
conditions from those used for generating an SMI.
I/O Offset 25-24 - General Purpose SMI Enable ........... RW
15
Enable SMI on setting of Rx21-20[15]
............def=0
14
Enable SMI on setting of Rx21-20[14]
............def=0
13
Enable SMI on setting of Rx21-20[13]
............def=0
12
Enable SMI on setting of Rx21-20[12]
............def=0
11
Enable SMI on setting of Rx21-20[11]
............def=0
10
Enable SMI on setting of Rx21-20[10]
............def=0
9
Reserved
........................................always reads 0
8
Enable SMI on setting of Rx21-20[8]
..............def=0
7
Reserved
........................................always reads 0
6
Enable SMI on setting of Rx21-20[6]
..............def=0
5
Enable SMI on setting of Rx21-20[5]
..............def=0
4
Enable SMI on setting of Rx21-20[4]
..............def=0
3
Enable SMI on setting of Rx21-20[3]
..............def=0
2
Enable SMI on setting of Rx21-20[2]
..............def=0
1
Enable SMI on setting of Rx21-20[1]
..............def=0
0
Enable SMI on setting of Rx21-20[0]
..............def=0
These bits allow generation of an SMI using a separate set of
conditions from those used for generating an SCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com