Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 97 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 97 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-91-
I/O Space System Management Bus Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 02h – SMBus Host Control.............................RW
7
Reserved
........................................ always reads 0
6
Start
........................................ always reads 0
0
Writing 0 has no effect .......................... default
1
Start Execution of Command
Writing a 1 to this bit causes the SMBus
controller host interface to initiate execution of
the command programmed in the SMBus
Command Protocol field (bits 4-2).
All
necessary registers should be programmed
prior to writing a 1 to this bit. The Host Busy
bit (SMBus Host Status Register bit-0) can be
used to identify when the SMBus controller
has completed command execution.
5-2
SMBus Command Protocol
Selects the type of command the SMBus host
controller will execute.
Reads or Writes are
determined by Rx04[0].
0000 Quick default
0001 Byte
0010 Byte Data
0011 Word Data
0100 Process Call
0101 Block
0110 I2C with 10-bit Address
0111 -reserved-
10xx -reserved-
1100 I2C Process Call
1101 I2C Block
1110 I2C with 7-bit Address
1111 Universal
1
Kill Transaction in Progress
0
Normal host controller operation........... default
1
Stop host transaction currently in progress.
Setting this bit also sets the FAILED status bit
(Host Status bit-4) and asserts the interrupt
selected by the SMB Interrupt Select bit
(Function
4
SMBus
Host
Configuration
Register RxD2[3]).
0
Interrupt Enable
0
Disable interrupt generation .................. default
1
Enable generation of interrupts on completion
of the current host transaction.
I/O Offset 03h – SMBus Host Command........................ RW
7-0
SMBUS Host Command
..........................default = 0
This field contains the data transmitted in the
command field of the SMBus host transaction.
I/O Offset 04h – SMBus Host Address............................ RW
The contents of this register are transmitted in the address
field of the SMBus host transaction.
7-1
SMBUS Address
.......................................default = 0
This field contains the 7-bit address of the targeted
slave device.
0
SMBUS Read or Write
0
Execute a WRITE command ................. default
1
Execute a READ command
I/O Offset 05h – SMBus Host Data 0 .............................. RW
The contents of this register are transmitted in the Data 0 field
of SMBus host transaction writes. On reads, Data 0 bytes are
stored here.
7-0
SMBUS Data 0
..........................................default = 0
For Block Write commands, this field is programmed
with the block transfer count (a value between 1 and
32). Counts of 0 or greater than 32 are undefined.
For Block Read commands, the count received from
the SMBus device is stored here.
I/O Offset 06h – SMBus Host Data 1 .............................. RW
The contents of this register are transmitted in the Data 1 field
of SMBus host transaction writes. On reads, Data 1 bytes are
stored here.
7-0
SMBUS Data 1
..........................................default = 0
I/O Offset 07h – SMBus Block Data................................ RW
Reads and writes to this register are used to access the 32-byte
block data storage array. An internal index pointer is used to
address the array. It is reset to 0 by reads of the SMBus Host
Control register (I/O Offset 2) and incremented automatically
by each access to this register. The transfer of block data into
(read) or out of (write) this storage array during an SMBus
transaction always starts at index address 0.
7-0
SMBUS Block Data
..................................default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com