Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 42 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 42 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-36-
Legacy I/O Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Register Descriptions
Legacy I/O Ports
This group of registers includes the DMA Controllers,
Interrupt Controllers, and Timer/Counters as well as a number
of miscellaneous ports originally implemented using discrete
logic on original PC/AT motherboards. All of the registers
listed are integrated on-chip. These registers are implemented
in a precise manner for backwards compatibility with previous
generations of PC hardware.
These registers are listed for
information purposes only.
Detailed descriptions of the
actions and programming of these registers are included in
numerous
industry
publications
(duplication
of
that
information here is beyond the scope of this document). All
of these registers reside in I/O space.
Port 61 - Misc Functions & Speaker Control ................. RW
7-6
Reserved
........................................always reads 0
5
Timer/Counter 2 Output
......................................RO
This bit reflects the output of Timer/Counter 2
without any synchronization.
4
Refresh Detected
...................................................RO
This bit toggles on every rising edge of the ISA bus
REFRESH# signal.
3-2
Reserved
....................................... RW, default=0
1
Speaker Enable
....................................................RW
0
Disable ................................................... default
1
Enable Timer/Ctr 2 output to drive SPKR pin
0
Timer/Counter 2 Enable
.....................................RW
0
Disable ................................................... default
1
Enable Timer/Counter 2
Port 92h - System Control................................................ RW
7-6
Hard Disk Activity LED Status
0
Off
.................................................... default
1-3 On
5-4
Reserved
........................................always reads 0
3
Power-On Password Bytes Inaccessable
...default=0
2
Reserved
........................................always reads 0
1
A20 Address Line Enable
0
A20 disabled / forced 0 (real mode) ...... default
1
A20 address line enabled
0
High Speed Reset
0
Normal
1
Briefly pulse system reset to switch from
protected mode to real mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com