Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 8 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 8 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 4Page - VIA Technologies, Inc. VT8235 Datasheet HTML 5Page - VIA Technologies, Inc. VT8235 Datasheet HTML 6Page - VIA Technologies, Inc. VT8235 Datasheet HTML 7Page - VIA Technologies, Inc. VT8235 Datasheet HTML 8Page - VIA Technologies, Inc. VT8235 Datasheet HTML 9Page - VIA Technologies, Inc. VT8235 Datasheet HTML 10Page - VIA Technologies, Inc. VT8235 Datasheet HTML 11Page - VIA Technologies, Inc. VT8235 Datasheet HTML 12Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-2-
Product Features
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
x
Concurrent PCI Bus Controller
− 33 MHz operation
− Supports up to six PCI masters
− Peer concurrency
− Concurrent multiple PCI master transactions; i.e., allow PCI masters from both PCI buses active at the same time
− Zero wait state PCI master and slave burst transfer rate
− PCI to system memory data streaming up to 132Mbyte/sec (data sent to north bridge via high speed V-Link
Interface)
− PCI master snoop ahead and snoop filtering
− Eight DW of CPU to PCI posted write buffers
− Byte merging in the write buffers to reduce the number of PCI cycles and to create further PCI bursting possibilities
− Enhanced PCI command optimization (MRL, MRM, MWI, etc.)
− Four lines of post write buffers from PCI masters to DRAM
− Sixteen levels (double-words) of prefetch buffers from DRAM for access by PCI masters
− Delay transaction from PCI master accessing DRAM
− Transaction timer for fair arbitration between PCI masters (granularity of two PCI clocks)
− Symmetric arbitration between Host/PCI bus for optimized system performance
− Complete steerable PCI interrupts
− PCI-2.2 compliant, 32 bit 3.3V PCI interface with 5V tolerant inputs
x
Fast Ethernet Controller
− High performance PCI master interface with scatter / gather and bursting capability
− Standard MII interface to external PHYceiver
− 1 / 10 / 100 MHz full and half duplex operation
− Independent 2K byte FIFOs for receive and transmit
− Flexible dynamically loadable EEPROM algorithm
− Physical, Broadcast, and Multicast address filtering using hashing function
− Magic packet and wake-on-address filtering
− Software controllable power down
x
UltraDMA-133 / 100 / 66 / 33 Master Mode EIDE Controller
− Dual channel master mode hard disk controller supporting four Enhanced IDE devices
− Transfer rate up to 133MB/sec to cover PIO mode 4, multi-word DMA mode 2 drives, and UltraDMA-133 interface
− Increased reliability using UltraDMA-133/100/66 transfer protocols
− Thirty-two levels (doublewords) of prefetch and write buffers
− Dual DMA engine for concurrent dual channel operation
− Bus master programming interface for SFF-8038i rev.1.0 and Windows-95 compliant
− Full scatter gather capability
− Support ATAPI compliant devices including DVD devices
− Support PCI native and ATA compatibility modes
− Complete software driver support
x
Direct Sound Ready AC97 Digital Audio Controller
− AC-Link access to 4 CODECs (AC97 + AMC97 + MC97)
− Multichannel Audio
− Bus Master Scatter / Gather DMA
− Dedicated read and write channels supporting simultaneous stereo playback and record
− Dedicated read and write channels supporting simultaneous modem receive and transmit
− 1 stereo DirectSound channel with source / volume control / mixer
− 1 shared FM / SPDIF PCM read channel
− 1 dedicated channel supporting multi-channel audio
− 32-byte line-bufers for each SGD channel
− Programmable 8bit / 16bit mono / stereo PCM data format support
− AC97 2.1 compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com