Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 92 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 92 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-86-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Offset 2D-2C - Global Control...................................RW
15-12 Reserved
........................................ always reads 0
11
IDE Secondary Bus Power-Off
0
Disable .................................................. default
1
Enable
10
IDE Primary Bus Power-Off
0
Disable .................................................. default
1
Enable
9
Reserved
........................................ always reads 0
8
SMI Active
0
SMI Inactive.......................................... default
1
SMI Active. If the SMI Lock bit is set, this bit
needs to be written with a 1 to clear it before
the next SMI can be generated.
7
LID Triggering Polarity
0
Rising Edge ........................................... default
1
Falling Edge
6
THRM# Triggering Polarity
0
Rising Edge ........................................... default
1
Falling Edge
5
Battery Low Resume Disable
0
Enable resume ....................................... default
1
Disable
resume
from
suspend
when
BATLOW# is asserted
4-3
Reserved
........................................ always reads 0
2
Power Button Triggering Select
0
SCI/SMI generated by PWRBTN# rising edge
.................................................... default
1
SCI/SMI generated by PWRBTN# falling
edge
Set to zero to avoid the situation where the Power
Button Status bit is set to wake up the system then
reset again by PBOR Status to switch the system into
the soft-off state.
1
BIOS Release
This bit is set by legacy software to indicate release
of the SCI/SMI lock.
Upon setting of this bit,
hardware automatically sets the Global Status bit.
This bit is cleared by hardware when the Global
Status bit cleared by software.
Note that if the Global Enable bit is set (Power
Management Enable register Rx2[5]), then setting
this bit causes an SCI to be generated (because
setting this bit causes the Global Status bit to be set).
0
SMI Enable
0
Disable all SMI generation.................... default
1
Enable SMI generation
I/O Offset 2F - SMI Command ........................................ RW
7-0
SMI Command
Writing to this port sets the Software SMI Status bit.
Note that if the Software SMI Enable bit is set (see
Global Enable register Rx2A[6]), then an SMI is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com