Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 86 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 86 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-80-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
General Purpose I/O Control Registers
Offset E0 – GPI Inversion Control ..................................RW
7-0
GPI[27-24, 19-16] Input Inversion
0
Non-inverted input ................................ default
1
Inverted input
Offset E1 – GPI SCI / SMI Select.....................................RW
7-0
GPI[27-24, 19-16] SCI / SMI Select
When GPI[27-24,19-16] are set to enable SCI / SMI
generation (PMIO Rx52), this field determines
whether an SCI or SMI is generated.
0
SCI
.................................................... default
1
SMI
Offset E4 – GPO Pin Select ..............................................RW
7
Reserved
........................................ always reads 0
6
ACSDIN2,3 / GPIO20,21 Select (Pins U2, V1)
This bit is ignored if any of RxE5 bits 1, 2, 4, or 5 = 1
0
U2 = ACSDIN2, V1 = ACSDIN3 ......... default
1
U2 = GPIO20, V1 = GPIO21
5
SA[19:16] / GPO[19:16] Select (AC11, AD11,
AE11, AF11)
0
SA[19:16].............................................. default
1
GPO[19:16]
4
GPIO[15:12] Direction
0
Input (pins are GPI[15:12]) ................... default
1
Output (pins are GPO[15:12])
3
GPIO[11:8] Direction
0
Input (pins are GPI[11:8]) ..................... default
1
Output (pins are GPO[11:8])
2
GNT5# / GPO7 Select (Pin P4)
REQ5# / GPI7 Select (Pin N4)
0
P4 = GPO7, N4 = GPI7......................... default
1
P4 = GNT5#, N4 = REQ5#
1
PCISTP# / GPO6 Select (Pin AF6)
0
V6 = PCISTP#....................................... default
1
V6 = GPO6
0
CPUSTP# / GPO5 Select (Pin AC7)
0
Y5 = CPUSTP# ..................................... default
1
Y5 = GPO5
Offset E5 – GPIO I/O Select 1 ......................................... RW
7
Voltage Regulator Change Timer Select
0
100 usec ................................................. default
1
200 usec
6
AGPBZ# Source of Bus Master Status
0
Disable ................................................... default
1
Enable
5
Reserved
........................................always reads 0
4
VGATE on GPIO8 (Pin C8)
0
U2 = GPIO8........................................... default
1
U2 = VGATE (bit 1 and RxE4[6] are ignored)
3
CPU Frequency Change
0
Enable .................................................... default
1
Disable
2
PCS1# on ACSDIN3 (Pin V1)
0
V1 = ACSDIN3 / GPIO21 / SLPBTN# . default
1
V1 = PCS1# (RxE4[6] ignored)
1
PCS0# on ACSDIN2 (Pin U2)
0
U2 = ACSDIN2 / GPIO20..................... default
1
U2 = PCS0# (RxE4[6] ignored)
0
IORDY / GPI19 Select (Pin AD10)
0
AD10 = IORDY..................................... default
1
AD10 = GPI19
Offset E6 – GPIO I/O Select 2 ......................................... RW
7
GPI31 / GPO31 (GPIOE) Select (Pin AC6)
0
AC6 = GPI31 ......................................... default
1
AC6 = GPO31 / GPIOE
6
GPI30 / GPO30 (GPIOD) Select (Pin AD6)
0
AD6 = GPI30......................................... default
1
AD6 = GPO30 / GPIOD
5-2
Reserved
........................................always reads 0
1
GPI25 / GPO25 (GPIOC) Select (Pin AE6)
0
AE6 = GPI25 ......................................... default
1
AE6 = GPO25 / GPIOC
0
GPI24 / GPO24 (GPIOA) Select (Pin AE5)
0
AE5 = GPI24 ......................................... default
1
AE5 = GPO24 / GPIOA
Offset E7 – GPO Output Type......................................... RW
These bits determine whether the indicated GPO pin is open
drain or TTL when the corresponding bit of RxE6 = 1.
7
GPO31 OD/TTL Select (Pin AC6)
6
GPO30 OD/TTL Select (Pin AD6)
5-2
Reserved
........................................always reads 0
1
GPO25 OD/TTL Select (Pin AE6)
0
GPO24 OD/TTL Select (Pin AE5)
For all defined bits above:
0
OD
.................................................... default
1
TTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com