Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 40 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 40 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-34-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 18 Function 0 Registers - LAN
Configuration Space LAN Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3065
RO
5-4
Command
0000
RO
7-6
Status
0470
WC
8
Revision ID
40
RO
9
Programming Interface
00
RO
A
Sub Class Code
00
RO
B
Base Class Code
00
RO
C
Cache Line Size
00
RW
D
Latency Timer
00
RW
E
Header Type
00
RO
F
BIST
00
RO
13-10 I/O Base Address
0000 0000 RW
17-14 Memory Base Address
0000 0000 RW
18-27 -reserved-
00
—
2B-28 Card Bus CIS Pointer
0000 0000 RW
2C-2F -reserved-
00
—
33-30 Expansion ROM Base Address
0000 0000 RW
34
Capabilities Offset
40
RO
35-3C -reserved-
00
—
3D
Interrupt Pin
01
RO
3E-3F -reserved-
00
—
Configuration Space LAN Device Specific Registers
Offset Power Management
Default
Acc
40
Capability ID
01
RO
41
Next Item Pointer
00
RO
43-42 Power Management Configuration
0002
RO
47-44 Power Management Control / Status
0000 0000 WC
48-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com