Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 44 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 44 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. VT8235 Datasheet HTML 43Page - VIA Technologies, Inc. VT8235 Datasheet HTML 44Page - VIA Technologies, Inc. VT8235 Datasheet HTML 45Page - VIA Technologies, Inc. VT8235 Datasheet HTML 46Page - VIA Technologies, Inc. VT8235 Datasheet HTML 47Page - VIA Technologies, Inc. VT8235 Datasheet HTML 48Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-38-
Legacy I/O Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Port 64 - Keyboard / Mouse Command.......................... WO
This port is used to send commands to the keyboard / mouse
controller. The command codes recognized by the VT8235
are listed in the table below.
Table 8. Keyboard Controller Command Codes
Code
Keyboard Command Code Description
20h
Read Control Byte (next byte is Control Byte)
21-3Fh
Read SRAM Data (next byte is Data Byte)
60h
Write Control Byte (next byte is Control Byte)
61-7Fh
Write SRAM Data (next byte is Data Byte)
A1h
Output Keyboard Controller Version #
A4h
Test if Password is installed
(always returns F1h to indicate not installed)
A7h
Disable Mouse Interface
A8h
Enable Mouse Interface
A9h
Mouse Interface Test (puts test results in port 60h)
(value: 0=OK, 1=clk stuck low, 2=clk stuck high,
3=data stuck lo, 4=data stuck hi, FF=general error)
AAh
KBC self test (returns 55h if OK, FCh if not)
ABh
Keyboard Interface Test (see A9h Mouse Test)
ADh
Disable Keyboard Interface
AEh
Enable Keyboard Interface
AFh
Return Version #
C0h
Read Input Port (read input data to output buffer)
C1h
Poll Input Port (read Mouse Data In
continuously to status bit 5
C8h
Unblock Mouse Output (use before D1 to change
active mode)
C9h
Reblock Mouse Output (protection mechanism
for D1)
CAh
Read Mode (output KBC mode info to port 60
output buffer: bit-0=0 if ISA, 1 if PS/2)
D0h
Read Output Port (copy output port values
to port 60)
D1h
Write Output Port (data byte following is written to
keyboard output port as if it came from keyboard)
D2h
Write Keyboard Output Buffer & clear status bit-5
(write following byte to keyboard)
D3h
Write Mouse Output Buffer & set status bit-5 (write
following byte to mouse; put value in mouse input
buffer so it appears to have come from the mouse)
D4h
Write Mouse (write following byte to mouse)
E0h
Read Keyboard Clock In and Mouse Clock In
(return in bits 0-1 respectively of response byte)
Exh
Set Mouse Clock Out per command bit 3
Set Mouse Data Out per command bit 2
Set Gate A20 per command bit 1
Fxh
Pulse Mouse Clock Out low for 6usec per cmd bit 3
Pulse Mouse Data Out low for 6usec per cmd bit 2
Pulse Gate A20 low for 6usec per command bit 1
Pulse System Reset low for 6usec per cmd bit 0
All other codes not listed are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com