Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 65 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 65 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 61Page - VIA Technologies, Inc. VT8235 Datasheet HTML 62Page - VIA Technologies, Inc. VT8235 Datasheet HTML 63Page - VIA Technologies, Inc. VT8235 Datasheet HTML 64Page - VIA Technologies, Inc. VT8235 Datasheet HTML 65Page - VIA Technologies, Inc. VT8235 Datasheet HTML 66Page - VIA Technologies, Inc. VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-59-
Device 16 Function 3 USB 2.0 EHCI Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
USB-Specific Configuration Registers
Offset 40 - Miscellaneous Control 1 (40h) .......................RW
7
Reserved
........................................ always reads 0
6
Babble Option
This bit controls whether the port is disabled when
EOF (End-Of-Frame) babble occurs.
Babble is
unexpected bus activity that persists into the EOF
interval. When this bit is 0, the port with the EOF
babble is disabled. When it is 1, it is not disabled
0
Automatically disable babbled port when EOF
babble occurs
1
Don’t disable babbled port ....................default
5
PCI Parity Check
0
Disable .................................................. default
1
Enable
4
Reserved (Do Not Program)
.................... default = 0
3-2
Reserved
........................................ always reads 0
1
DMA Options
0
16 DW burst access ............................... default
1
8 DW burst access
0
Reserved
........................................ always reads 0
Offset 48 - Miscellaneous Control 1 (A0h) ......................RW
7-6
Reserved (Do Not Program)
.................... default = 0
5
CCA Burst Access
0
Burst enable
1
Burst disable..........................................default
4-1
Reserved
........................................ always reads 0
0
Reserved (Do Not Program)
.................... default = 0
Offset 49 - Miscellaneous Control 2 (20h) .......................RW
7-6
Reserved (Do Not Program)
.................... default = 0
5
Clock Auto Stop
0
Disable, no stop
1
Enable, auto stop ...................................default
4
Auto Power Down Receiver Squelch Detector
0
Auto Power Down................................. default
1
Always Powered Up
3-0
Reserved
........................................ always reads 0
Offset 60 - Serial Bus Release Number (20h) .................. RO
7-0
Release Number
..........always reads 20h for USB 2.0
Offset 61 - Frame Length Adjust (20h)............................ RO
Offset 63-62 – Port Wake Capability (0001h) ................. RO
Offset 6B-68 - Legacy Support Extended Capability ..... RO
31-0 Capabilities
.......................always reads 0000 0001h
Offset 6F-6C - Legacy Support Control / Status ............ RW
31-0 Control / Status
..................always reads 0000 0000h
Offset 84 – PM Capability Status .................................... RW
7-0
PM Capability Status
00 D0
.................................................... default
01 -reserved-
10 -reserved-
11 D3 Hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com