Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 33 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 33 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 29Page - VIA Technologies, Inc. VT8235 Datasheet HTML 30Page - VIA Technologies, Inc. VT8235 Datasheet HTML 31Page - VIA Technologies, Inc. VT8235 Datasheet HTML 32Page - VIA Technologies, Inc. VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-27-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 16 Function 3 Registers – USB 2.0 EHCI Ports 0-5
Configuration Space USB Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3104
RO
5-4
Command
0000
RW
7-6
Status
0210
WC
8
Revision ID
nn
RO
9
Programming Interface
20
RO
A
Sub Class Code
03
RO
B
Base Class Code
0C
RO
C
Cache Line Size
00
RW
D
Latency Timer
16
RW
E-F
-reserved-
00
—
13-10 EHCI Mem Mapped I/O Base Addr
0000 0000 RW
14-2B -reserved-
00
—
2D-2C Sub Vendor ID
1106
RO†
2F-2E Sub Device ID
3104
RO†
30-33 -reserved-
00
—
34
Power Management Capabilities
80
RO
35-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
04
RO
3E-3F -reserved-
00
—
† RW if Rx42[4] = 1.
Configuration Space USB-Specific Registers
Offset USB Control
Default
Acc
40
USB Miscellaneous Control 1
00
RW
41-47 -reserved- (Do Not Program)
00
—
48
USB Miscellaneous Control 5
A0
RW
49
USB Miscellaneous Control 6
20
RW
4A-4B -reserved- (Do Not Program)
00
—
4C-4F -reserved-
00
—
50-57 -reserved- (test, do not program)
00
—
58-5D -reserved- (Do Not Program)
00
—
5E-5F -reserved-
00
—
60
USB Serial Bus Release Number
20
RO
61
Frame Length Adjust
20
RW
63-62 Port Wake Capability
0001
RW
64-67 -reserved-
00
—
6B-68 Legacy Support Extended Capability
0000 0001 RW
6F-6C Legacy Support Control / Status
0000 0000 RW
70-83 -reserved-
00
—
84
PM Capability Status
00
RW
85-FF -reserved-
00
—
Memory Mapped I/O Registers – USB EHCI
Offset EHCI Capabilities
Default
Acc
00
Capability Register Length
00
RW
01
-reserved-
00
—
03-02 Interface Version Number
0100
RO†
07-04 Structure Parameters
0000 3206 RO†
0B-08 Capability Parameters
0000 6872 RO†
0C-0F -reserved-
00
—
† RW if Rx42[4] = 1.
Offset Host Controller Operation
Default
Acc
13-10 USB Command
0000 0000 RW
17-14 USB Status
0000 0000 RW
1B-18 USB Interrupt Enable
0000 0000 RW
1F-1C USB Frame Index
0000 0000 RW
23-20 4G Segment Selector
0000 0000 RW
27-24 Frame List Base Address
0000 0000 RW
2B-28 Next Asynchronous List Address
0000 0000 RW
2C-4F -reserved-
00
—
53-50 Configured Flag Register
0000 0000 RW
57-54 Port 1 Status / Control
0000 0000 RW
5B-58 Port 2 Status / Control
0000 0000 RW
5C-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com