Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 89 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 89 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-83-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Processor Power Management Registers
I/O Offset 13-10 - Processor & PCI Bus Control............RW
31-12 Reserved
........................................ always reads 0
11
Disable PCISTP# When PCKRUN# is Deasserted
0
Enable.................................................... default
1
Disable
10
PCI Bus Clock Run Without Stop
0
PCKRUN# is always asserted ............... default
1
PCKRUN# will be de-activated after the PCI
bus is idle for 26 clocks
9
Host Clock Stop
This bit controls whether CPUSTP# is asserted in C3
and S1 states. Normally CPUSTP# is not asserted in
C3 and S1 states, only STPCLK# is asserted.
0
CPUSTP# will not be asserted in C3 and S1
states (only STPCLK# is asserted) ........ default
1
CPUSTP# will be asserted in C3 and S1 states
8
Assert SLP# for Processor Level 3 Read
This bit controls whether SLP# is asserted in C3
state.
0
SLP# is not asserted in C3 state ............ default
1
SLP# is asserted in C3 state
Used with Intel CPUs only.
7
Lower CPU Voltage During C3 / S1
This bit controls whether the CPU voltage is lowered
when in C3/S1 state. The voltage is lowered using
the VRDSLP signal to the voltage regulator. PMIO
RxE5[3] must be 0 to enable the voltage change
function. Bits 8 and 9 of this register must also be set
to 1.
0
Disable (normal voltage during C3/S1)....... def
1
Enable (lower voltage during C3/S1)
6-5
Reserved
........................................ always reads 0
4
Throttling Enable
Setting this bit starts clock throttling (modulating the
STPCLK# signal) regardless of the CPU state. The
throttling duty cycle is determined by bits 3-0 of this
register.
3-0
Throttling Duty Cycle
This field determines the duty cycle of the STPCLK#
signal when the system is in throttling mode
("Throttling Enable" bit set to one). The duty cycle
indicates the percentage of performance (the lower
the percentage, the lower the performance and the
higher the power savings).
0000 Reserved
0001 0-6.25%
0010 6.25-12.50%
0011 18.75-25.00%
0100 31.25-37.50%
0101 37.50-43.75%
0110 43.75-50.00%
0111 50.00-56.25%
1000 56.25-62.50%
1001 62.50-68.75%
1010 68.75-75.00%
1011 75.00-87.50%
1100 75.00-81.25%
1101 81.25-87.50%
1110 87.50-93.75%
1111 93.75-100%
I/O Offset 14 - Processor Level 2 ...................................... RO
7-0
Level 2
........................................always reads 0
Reads from this register put the processor into the
Stop Grant state (the VT8235 asserts STPCLK# to
suspend the processor). Wake up from Stop Grant
state is by interrupt (INTR, SMI, and SCI).
Reads from this register return all zeros; writes to this register
have no effect.
I/O Offset 15 - Processor Level 3 ...................................... RO
7-0
Level 3
........................................always reads 0
Reads from this register put the processor in the C3
clock state with the STPCLK# signal asserted.
If
Rx10[9] = 1 then the CPU clock is also stopped by
asserting CPUSTP#. Wakeup from the C3 state is by
interrupt (INTR, SMI, and SCI).
Reads from this register return all zeros; writes to this register
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com