Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8235 Datasheet(PDF) 67 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 67 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 63Page - VIA Technologies, Inc. VT8235 Datasheet HTML 64Page - VIA Technologies, Inc. VT8235 Datasheet HTML 65Page - VIA Technologies, Inc. VT8235 Datasheet HTML 66Page - VIA Technologies, Inc. VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-61-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 17 Function 0 Registers – Bus Control and Power
Management
All registers are located in the device 17 function 0
configuration space of the VT8235.
These registers are
accessed through PCI configuration mechanism #1 via I/O
address 0CF8h / 0CFCh.
PCI Configuration Space Header
Offset 1-0 - Vendor ID (1106h)......................................... RO
Offset 3-2 - Device ID (3177h) .......................................... RO
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address / Data Stepping
0
Disable
1
Enable ................................................... default
6-4
Reserved
........................................ always reads 0
3
Special Cycle Enable
.......................RW, default = 0
2
Bus Master
........................................ always reads 1
1
Memory Space
.................................... RO, reads as 1
0
I/O Space
........................................ RO, reads as 1
Offset 7-6 - Status ...........................................................RWC
15
Detected Parity Error
....................write one to clear
14
Signalled System Error
...................... always reads 0
13
Signalled Master Abort
.................write one to clear
12
Received Target Abort
...................write one to clear
11
Signalled Target Abort
..................write one to clear
10-9 DEVSEL# Timing
.................... fixed at 01 (medium)
8
Data Parity Detected
Reads 1 if PERR# is asserted (driven or observed) or
a bus master data parity error occurred.
7
Fast Back-to-Back Capable
............... always reads 0
6-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (nnh) .............................................. RO
7-0
Revision ID
Offset 9 - Program Interface (00h) ................................... RO
Offset A - Sub Class Code (01h) ....................................... RO
Offset B - Class Code (06h) ............................................... RO
Offset E - Header Type (80h)............................................ RO
7-0
Header Type Code.........
80h (Multifunction Device)
Offset F - BIST (00h) ......................................................... RO
Offset 2F-2C - Subsystem ID ............................................ RO
Use offset 70-73 to change the value returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com