Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 52Page - OSRAM GmbH TMF8805 Datasheet HTML 53Page - OSRAM GmbH TMF8805 Datasheet HTML 54Page - OSRAM GmbH TMF8805 Datasheet HTML 55Page - OSRAM GmbH TMF8805 Datasheet HTML 56Page - OSRAM GmbH TMF8805 Datasheet HTML 57Page - OSRAM GmbH TMF8805 Datasheet HTML 58Page - OSRAM GmbH TMF8805 Datasheet HTML 59Page - OSRAM GmbH TMF8805 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
56 / 74
/
6.6.4
IDENTIFICATION_NUMBER_1 register (Address 0x2B)
Table 94: IDENTIFICATION_NUMBER_1 register
Addr: 0x2B
IDENTIFICATION_NUMBER_1
Field
Name
Rst
Type
Description
7:0
identification_number_1
0
RW
Identification number byte 1
The binary concatenated number of serial_number_0: serial_number_1:
identification_number_0: identification_number_1 registers result in a unique number.
6.7
Interrupt suppression registers
– result of command = 0x09
These registers are only available for firmware version 3.0.22 or higher.
6.7.1
PERSISTANCE register (Address 0x20)
Table 95: PERSISTANCE register
Addr: 0x20
PERSISTANCE
Field
Name
Rst
Type
Description
7:0
persistence
0
RW
Persistence 8-bit value for interrupt suppression.
Value
Definition
0
Any result (detect and no-detect) will trigger an interrupt
1-255
An interrupt will only be triggered if the detected
distance is >= low_threshold and
distance <= high_threshold and
the detection happened at least <persistence> consecutive
times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com