Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH TMF8805 Datasheet HTML 21Page - OSRAM GmbH TMF8805 Datasheet HTML 22Page - OSRAM GmbH TMF8805 Datasheet HTML 23Page - OSRAM GmbH TMF8805 Datasheet HTML 24Page - OSRAM GmbH TMF8805 Datasheet HTML 25Page - OSRAM GmbH TMF8805 Datasheet HTML 26Page - OSRAM GmbH TMF8805 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
23 / 74
/
6.1.4
ENABLE register (Address 0xE0)
Table 15: ENABLE register
Addr: 0xE0
ENABLE
Field
Name
Rst
Type
Description
7
cpu_reset
0
RW_SC
Write a '1' here to reset CPU. This generates global reset, fully
resetting CPU and all CPU registers. The bit resets itself, no need to
explicitly clear it.
6
cpu_ready
0
RO
CPU is ready to handle I²C - if this bit is zero, then only the registers
0xe0 and above are usable, the memory mapped I²C space is not
used.
Bit gets set only explicitly by software, therefore a functional and
running firmware is necessary for this bit to work.
0
pon
1
R_PUSH
1=Activate oscillator; 0=Ask CPU to go to standby
Activating the oscillator is implemented in hardware. Whenever this
register is '0' and a '1' is being written, the oscillator is being started
and CPU receives a PON1 interrupt. It is implemented in the
bootloader to execute a reset at this point, but the application goes to
an IDLE state.
De-activating the oscillator is a software assisted process. It is
important that the CPU powers down all modules properly before
turning off the oscillator, therefore this is implemented in firmware. So
writing a '0' to this register will trigger an internal CPU interrupt. The
firmware, after powering down everything, sets the device into standby
state.
6.1.5
INT_STATUS register (Address 0xE1)
Table 16: INT_STATUS register
Addr: 0xE1
INT_STATUS
Field
Name
Rst
Type
Description
1
int2
0
R_PUSH1
Raw histogram available interrupt for App0; asserted when a raw
histogram can be retrieved from I²C.
int2 status. If bit is asserted, and int2_enab is asserted as well, then the
INT pin will be pulled low. Writing a '1' here will clear int1 condition.
0
int1
0
R_PUSH1
Object detection interrupt for App0; asserted when a result from object
detection is available.
int1 status. If bit is asserted, and int1_enab is asserted as well, then the
INT pin will be pulled low. Writing a '1' here will clear int1 condition.
Note: An interrupt is raised on every result from object detection including
no-target unless persistence is set > 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com