Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 59 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 55Page - OSRAM GmbH TMF8805 Datasheet HTML 56Page - OSRAM GmbH TMF8805 Datasheet HTML 57Page - OSRAM GmbH TMF8805 Datasheet HTML 58Page - OSRAM GmbH TMF8805 Datasheet HTML 59Page - OSRAM GmbH TMF8805 Datasheet HTML 60Page - OSRAM GmbH TMF8805 Datasheet HTML 61Page - OSRAM GmbH TMF8805 Datasheet HTML 62Page - OSRAM GmbH TMF8805 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
59 / 74
/
6.8.3
BL_DATA (Address 0x0A-0x8A)
Table 102: BL_DATA register
Addr: 0x0A-0x8A
BL_DATA
Field
Name
Rst
Type
Description
7:0
bl_data0 … bl_data127
0
RW
Up to 128 data bytes for bootloader commands
6.8.4
BL_CSUM (Address 0x8B)
Table 103: BL_CSUM register
Addr: 0x8B
BL_CSUM
Field
Name
Rst
Type
Description
7:0
bl_csum
0
RW
Checksum for Sum (Command + Data Size + Data itself) XOR 0xFF
6.9
Bootloader commands
The following commands (bl_cmd_stat) are supported by the bootloader:
Table 104: Bootloader commands
Command
Value
Meaning
RAMREMAP_RESET
0x11
Remap RAM to Address 0 and Reset
DOWNLOAD_INIT
0x14
Initialize for RAM download from host to TMF8805
W_RAM
0x41
Write RAM Region (Plain = not encoded into e.g. Intel Hex Records)
ADDR_RAM
0x43
Set the read/write RAM pointer to a given address
RAMREMAP_RESET = Execute program downloaded to RAM
This command remaps the RAM to address 0 and performs a System reset (see also
command RESET).
Command is performed immediately without any delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com